Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HS-1100RH Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HS-1100RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HS-1100RH Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, RL = 100Ω, TA = 25oC, Unless Otherwise Specified
FIGURE 3. SMALL SIGNAL PULSE RESPONSE (AV = +2)
FIGURE 4. LARGE SIGNAL PULSE RESPONSE (AV = +2)
FIGURE 5. NON-INVERTING FREQUENCY RESPONSE
(VOUT = 200mVP-P)
FIGURE 6. INVERTING FREQUENCY RESPONSE
(VOUT = 200mVP-P)
FIGURE 7. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS (AV = +1, VOUT = 200mVP-P)
FIGURE 8. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS (AV = +2, VOUT = 200mVP-P)
120
5ns/DIV.
90
60
30
0
-30
-60
-90
-120
5ns/DIV.
1.2
0.9
0.6
0.3
0
-0.3
-0.6
-0.9
-1.2
FREQUENCY (MHz)
0
-3
-6
-9
-12
0.3
1
10
100
1K
0
-90
-180
-270
-360
PHASE
GAIN
AV = +1
AV = +11
AV = +2
AV = +6
AV = +1
AV = +11
AV = +2
AV = +6
FREQUENCY (MHz)
PHASE
GAIN
0
-3
-6
-9
-12
0.3
1
10
100
1K
180
90
0
-90
-180
AV = -1
AV = -1
AV = -20
AV = -5
AV = -10
AV = -20
AV = -5
AV = -10
FREQUENCY (MHz)
+6
+3
0
-3
-6
0.3
1
10
100
1K
0
-90
-180
-270
-360
PHASE
GAIN
RL = 1kΩ
RL = 100Ω
RL = 50Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
RL = 1kΩ
RL = 100Ω
FREQUENCY (MHz)
PHASE
GAIN
+3
0
-3
-6
0.3
1
10
100
1K
0
-90
-180
-270
-360
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
RL = 1kΩ
HS-1100RH


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn