Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-0508RH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-0508RH
Description  Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-0508RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS-0508RH Datasheet HTML 1Page - Intersil Corporation HS-0508RH Datasheet HTML 2Page - Intersil Corporation HS-0508RH Datasheet HTML 3Page - Intersil Corporation HS-0508RH Datasheet HTML 4Page - Intersil Corporation HS-0508RH Datasheet HTML 5Page - Intersil Corporation HS-0508RH Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Burn-In/Life Test Circuits
HS-0508RH
DYNAMIC BURN-IN AND LIFE TEST CIRCUIT
V1 = -15V maximum, -16V minimum
V2 = +15V minimum, +16V maximum
R1 = 10k
Ω ±5% 1/4W
C1 = C2 = 0.01
µF minimum (per socket) or 0.1µF minimum (per row)
D1 = D2 = 1N4002 (or equivalent)
F0 = 100kHz 50% duty cycle; VIL = 0.8V max; VIH = 4.0V min.
F1 = F0/2
F2 = F1/2
F3 = F2/2
HS-0508RH
STATIC BURN-IN TEST CIRCUIT
V1 = 5V minimum, 6V maximum
V2 = -15V maximum, -16V minimum
V3 = +15V minimum, +16V maximum
R1 = 10k
Ω±5% 1/4W
C1 = C2 = 0.01
µF minimum (per socket) or 0.1µF minimum (per row)
D1 = D2 = 1N4002 (or equivalent)
HS-0509RH
DYNAMIC BURN-IN AND LIFE TEST CIRCUIT
V2 = +15.5V,
±.0.5V
V3 = -15.5V,
±0.5V
R1 = 10k
Ω, ±5%
C1 = 0.1
µF minimum (per socket)
D1 = 1N4002 or equivalent (per board)
F0 = 100kHz,
±10%; F1 = F0/2; F2 = F1/2, 50% duty cycle,
VIL = 0.8V max.; VIH = 4.0V min.
HS-0509RH
STATIC BURN-IN TEST CIRCUIT
V1 = +5.5V,
±0.5V
V2 = +15.5V,
±0.5V
V3 = -15.5V,
±0.5V
R1 = 10k
Ω, ±10%
C1 = 0.1
µF minimum (per socket)
D1 = 1N4002 or equivalent (per board)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
F0
F3
V1
D1
C1
R1
F1
F2
V2
D2
C2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
V2
D1
C1
R1
V1
V3
D2
C2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
F0
F2
V2
V3
D1
C1
R1
R1
D1
C1
F1
V2
V3
D1
C1
R1
R1
D1
C1
V1
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
HS-0508RH, HS-0509RH


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn