Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU16GM-60883 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HMU16GM-60883
Description  16 x 16-Bit CMOS Parallel Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU16GM-60883 Datasheet(HTML) 6 Page - Intersil Corporation

  HMU16GM-60883 Datasheet HTML 1Page - Intersil Corporation HMU16GM-60883 Datasheet HTML 2Page - Intersil Corporation HMU16GM-60883 Datasheet HTML 3Page - Intersil Corporation HMU16GM-60883 Datasheet HTML 4Page - Intersil Corporation HMU16GM-60883 Datasheet HTML 5Page - Intersil Corporation HMU16GM-60883 Datasheet HTML 6Page - Intersil Corporation HMU16GM-60883 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3-34
K9
P14/P30
VCC/2
L9
P15/P31
VCC/2
K10
CLKM
F0
K11
OEP
F1
J10
FA
F14
J11
FT
F15
H10
MSPSEL
F14
H11
GND
GND
G10
GND
GND
G11
VCC
VCC
F10
VCC
VCC
F11
TCY
F15
E10
TCX
F15
E11
RND
F1
D10
CLKX
F0
D11
X15
F3
C10
X14
F2
C11
X13
F15
B10
X12
F14
A10
X11
F13
B9
X10
F12
A9
X9
F11
B8
X8
F10
A8
X7
F9
B7
X6
F8
A7
X5
F7
A2
N.C.
NONE
K1
N.C.
NONE
L10
N.C.
NONE
B11
N.C.
NONE
NOTES:
12. VCC = 5.5V +0.5V/-0.0V with 0.1µF decoupling capacitor to
GND.
13. F0 = 100kHz, F1 = F0/2, F2 = F1/2, . . . . . . . . . . . . . . . . . . . . .
14. VlH = VCC - 1V ± 0.5V (Min), VIL = 0.8V (Max).
15. 47k
Ω Load Resistors used on all pins except VCC and GND (Pin-
Grid identifiers F10, G10, G11 and H11).
CPGA PIN
PIN NAME
BURN-IN SIGNAL
HMU16/883


Similar Part No. - HMU16GM-60883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU16GC-35 INTERSIL-HMU16GC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU16GC-35 RENESAS-HMU16GC-35 Datasheet
656Kb / 13P
   null16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU16GC-45 INTERSIL-HMU16GC-45 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU16GC-45 RENESAS-HMU16GC-45 Datasheet
656Kb / 13P
   null16 x 16-Bit CMOS Parallel Multipliers
November 1999
More results

Similar Description - HMU16GM-60883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com