Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU17 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HMU17
Description  16 x 16-Bit CMOS Parallel Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU17 Datasheet(HTML) 5 Page - Intersil Corporation

  HMU17 Datasheet HTML 1Page - Intersil Corporation HMU17 Datasheet HTML 2Page - Intersil Corporation HMU17 Datasheet HTML 3Page - Intersil Corporation HMU17 Datasheet HTML 4Page - Intersil Corporation HMU17 Datasheet HTML 5Page - Intersil Corporation HMU17 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3-40
Burn-In Circuit
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
B6
X4
F6
F1
Y9/P9
F11
K7
P10/P26
VCC/2
E11
RND
F1
A6
X3
F5
G2
Y10/P10
F12
L7
P11/P27
VCC/2
D10
ENX
F0
B5
X2
F4
G1
Y11/P11
F13
K8
P12/P28
VCC/2
D11
X15
F3
A5
X1
F3
H2
Y12/P12
F14
L8
P13/P29
VCC/2
C10
X14
F2
B4
X0
F2
H1
Y13/P13
F15
K9
P14/P30
VCC/2
C11
X13
F15
A4
OEL
VCC
J2
Y14/P14
F4
L9
P15/P31
VCC/2
B10
X12
F14
B3
CLK
F0
J1
Y15/P15
F5
K10
ENP
F0
A10
X11
F13
A3
ENY
F0
K2
P0/P16
VCC/2
K11
OEP
F1
B9
X10
F12
B2
Y0/P0
F2
L2
P1/P17
VCC/2
J10
FA
F14
A9
X9
F11
B1
Y1/P1
F3
K3
P2/P18
VCC/2
J11
FT
F15
B8
X8
F10
C2
Y2/P2
F4
L3
P3/P19
VCC/2
H10
MSPSEL
F14
A8
X7
F9
C1
Y3/P3
F5
K4
P4/P20
VCC/2
H11
GND
GND
B7
X6
F8
D2
Y4/P4
F6
L4
P5/P21
VCC/2
G10
GND
GND
A7
X5
F7
D1
Y5/P5
F7
K5
P6/P22
VCC/2
G11
VCC
VCC
A2
N.C.
NONE
E2
Y6/P6
F8
L5
P7/P23
VCC/2
F10
VCC
VCC
K1
N.C.
NONE
E1
Y7/P7
F9
K6
P8/P24
VCC/2
F11
TCY
F15
L10
N.C.
NONE
F2
Y8/P8
F10
L6
P9/P25
VCC/2
E10
TCX
F15
B11
N.C.
NONE
NOTES:
11. VCC = 5.0V +0.5V/-0.0V with 0.1µF decoupling capacitor to GND.
12. F0 = 100kHz, F1 = F0/2, F2 = F1/2, . . . . . . . . .
13. VIH = VCC 1V ±0.5V (Min), VIL = 0.8V (Max).
14. 47k
Ω load resistors used on all pins except VCC and GND (Pin Grid identifiers F10, G10, G11 and H11).
11
10
9
8
7
6
5
4
3
2
1
N/C
X12
X10
X8
X6
X4
X2
X0
Y0/P0
Y1/P1
X11
X9
X7
X5
X3
X1
OEL
N/C
OEP
P30/
P28/
P26/
P24/
P22/
P20/
P18/
P16/
N/C
N/C
P31/
P29/
P27/
P25/
P23/
P21/
P19/
P17/
X13
X14
Y2/P2
Y3/P3
X15
Y4/P4
Y5/P5
RND
TCX
Y6/P6
Y7/P7
TCY
VCC
Y8/P8
Y9/P9
VCC
GND
Y10/
Y11/
GND
MSP
Y12/
Y13/
FT
FA
Y14/
Y15/
B
A
KL
CD
E
F
G
H
J
P10
P12
P14
P11
P13
P15
(ENY)
CLK
(ENX)
SEL
(ENP)
P14
P15
P12
P13
P10
P11
P8
P9
P6
P7
P5
P3
P1
P0
P2
P4
68 LEAD
PIN GRID ARRAY
TOP VIEW
HMU17/883


Similar Part No. - HMU17

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU17 RENESAS-HMU17 Datasheet
656Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17GC-35 INTERSIL-HMU17GC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU17GC-35 RENESAS-HMU17GC-35 Datasheet
656Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17GC-45 INTERSIL-HMU17GC-45 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
More results

Similar Description - HMU17

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com