Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-88690013A Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962-88690013A
Description  512 x 8 CMOS PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-88690013A Datasheet(HTML) 1 Page - Intersil Corporation

  5962-88690013A Datasheet HTML 1Page - Intersil Corporation 5962-88690013A Datasheet HTML 2Page - Intersil Corporation 5962-88690013A Datasheet HTML 3Page - Intersil Corporation 5962-88690013A Datasheet HTML 4Page - Intersil Corporation 5962-88690013A Datasheet HTML 5Page - Intersil Corporation 5962-88690013A Datasheet HTML 6Page - Intersil Corporation 5962-88690013A Datasheet HTML 7Page - Intersil Corporation 5962-88690013A Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-1
March 1997
HM-6642
512 x 8 CMOS PROM
Features
• Low Power Standby and Operating Power
- ICCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100
µA
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA at 1MHz
• Fast Access Time. . . . . . . . . . . . . . . . . . . . . . 120/200ns
• Industry Standard Pinout
• Single 5.0V Supply
• CMOS/TTL Compatible Inputs
• Field Programmable
• Synchronous Operation
• On-Chip Address Latches
• Separate Output Enable
Description
The HM-6642 is a 512 x 8 CMOS NiCr fusible link
Programmable Read Only Memory in the popular 24 pin,
byte wide pinout. Synchronous circuit design techniques
combine with CMOS processing to give this device high
speed performance with very low power dissipation.
On-chip address latches are provided, allowing easy
interfacing with recent generation microprocessors that use
multiplexed address/data bus structures, such as the 8085.
The output enable controls, both active low and active high,
further
simplify
microprocessor
system
interfacing
by
allowing output data bus control independent of the chip
enable control. The data output latches allow the use of the
HM-6642 in high speed pipelined architecture systems, and
also in synchronous logic replacement functions.
Applications for the HM-6642 CMOS PROM include low
power handheld microprocessor based instrumentation and
communications systems, remote data acquisition and
processing systems, processor control store, and synchro-
nous logic replacement.
All bits are manufactured storing a logical “0” and can be
selectively programmed for a logical “1” at any bit location.
Ordering Information
PACKAGE
TEMPERATURE RANGE
120ns
200ns
PKG. NO.
SBDIP
-40oC to +85oC
HM1-6642B-9
HM1-6642-9
D24.6
SMD#
-55oC to +125oC
5962-8869002JA
5962-8869001JA
D24.6
SLIM SBDIP
-40oC to +85oC
HM6-6642B-9
HM6-6642-9
D24.3
SMD#
-55oC to +125oC
5962-8869002LA
5962-8869001LA
D24.3
CLCC
-40oC to +85oC
-
HM4-6642-9
J28.A
SMD#
-55oC to +125oC
5962-88690023A
5962-88690013A
J28.A
File Number
3012.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - 5962-88690013A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-88691012A TI-5962-88691012A Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-88691012A TI-5962-88691012A Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-88691012A TI1-5962-88691012A Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-8869101RA TI-5962-8869101RA Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-8869101RA TI-5962-8869101RA Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results

Similar Description - 5962-88690013A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
   (512 x 8) 4096-Bit TTL PROM
November 1990
DM54S472 NSC-DM54S472 Datasheet
76Kb / 4P
   (512 x 8) 4096-Bit TTL PROM
DM74S475 NSC-DM74S475 Datasheet
232Kb / 4P
   512 x 8 4096-Bit TTL PROM
logo
Intel Corporation
M3604A INTEL-M3604A Datasheet
151Kb / 2P
   4K(512 x 8) HIGH-SPEED PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com