Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA510/883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HMA510/883
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510/883 Datasheet(HTML) 3 Page - Intersil Corporation

  HMA510/883 Datasheet HTML 1Page - Intersil Corporation HMA510/883 Datasheet HTML 2Page - Intersil Corporation HMA510/883 Datasheet HTML 3Page - Intersil Corporation HMA510/883 Datasheet HTML 4Page - Intersil Corporation HMA510/883 Datasheet HTML 5Page - Intersil Corporation HMA510/883 Datasheet HTML 6Page - Intersil Corporation HMA510/883 Datasheet HTML 7Page - Intersil Corporation HMA510/883 Datasheet HTML 8Page - Intersil Corporation HMA510/883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3-12
SUB
I
Subtract Control. When both SUB and ACC are HIGH, the Accumulator Register contents are sub-
tracted from the current product. When ACC is HIGH and SUB is LOW, the Accumulator Register
contents and the current product are summed. The SUB control input is latched on the rising edge of
CLKX or CLKY.
RND
I
Round Control. When this control is HIGH, a one is added to the most significant bit of the LSP. When
LOW, the product is unchanged.
PREL
I
Preload Control. When this control is HIGH, the three bidirectional ports may be used to preload the
Accumulator Registers. The three-state controls (OEX, OEM, OEL) must be HIGH, and the data will
be preloaded on the rising edge of CLKP. When this control is LOW, the Accumulator Registers func-
tion in a normal manner.
OEL
I
Y-Input/LSP Output Port Three-State Control. When OEL is HIGH, the output drivers are in the high
impedance state. This state is required for Y-data input or preloading the LSP Register. When OEL
is LOW, the port is enabled for LSP output.
OEM
I
MSP Output Port Three-State Control. A LOW on this control line enables the port for output. When
OEM is HIGH, the output drivers are in the high impedance state.
This control must be HIGH for preloading the MSP Register.
OEX
I
XTP Output Port Three-State Control. A LOW on this control line enables the port for output. When
OEX is HIGH, the output drivers are in the high impedance state. This control must be HIGH for pre-
loading the XTP Register.
CLKX
I
X-Register Clock. The rising edge of this clock latches the X-Data Input Register along with the TC,
ACC, SUB and RND inputs.
CLKY
I
Y-Register Clock. The rising edge of this clock latches the Y-Data Input Register along with the TC,
ACC, SUB and RND inputs.
CLKP
I
Product Register Clock. The rising edge of CLKP latches the LSP, MSP and XTP Registers. If the
preload control is active, the data on the I/O ports is loaded into these registers. If preload is not ac-
tive, the accumulated product is loaded into the registers.
Pin Descriptions (Continued)
NAME
TYPE
DESCRIPTION
HMA510/883


Similar Part No. - HMA510/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-45 INTERSIL-HMA510JC-45 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-55 INTERSIL-HMA510JC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com