Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YB1210ST8RR270 Datasheet(PDF) 5 Page - YOBON TECHNOLOGIES,INC.

Part No. YB1210ST8RR270
Description  300mA, Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YOBON [YOBON TECHNOLOGIES,INC.]
Homepage  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST8RR270 Datasheet(HTML) 5 Page - YOBON TECHNOLOGIES,INC.

  YB1210ST8RR270 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
YB1210R
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R Rev.1.6
www.yobon.com.tw
5
Dropout Voltage vs. Output Load
Ground Current vs. Input Voltage
Dropout Voltage vs. Temperature
Dropout Voltage vs. Temperature
Output Voltage vs. Temperature
Output Voltage vs. Temperature
Typical Performance Characteristics
VIN = ( VOUT + 1V ), CIN = COUT = 1.0μF, VEN = VIN, TA=25°C, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn