Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YB1210ST8RR270 Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST8RR270
Description  300mA, Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST8RR270 Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1210ST8RR270 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
YB1210R
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R Rev.1.6
www.yobon.com.tw
4
Electrical Characteristics
Table 2
VIN = ( VOUT + 1V ), CIN = COUT = 1.0μF, VEN = VIN, TA=25°C, unless otherwise noted.
Description
Symbol
Test Conditions
MIN
TYP
MAX
Units
Input Voltage Range
VIN
2.0
5.5
V
Output Voltage
VOUT
Predefined
1.2
3.6
V
IOUT = 10mA, VOUT ≧ 1.3V
-2.0
+2.0
Output Voltage Accuracy
Δ
VOUT
IOUT = 10mA, VOUT = 1.2V
0
+4.0
%
Output Current Limit
ISC
Short-Circuit Output
200
mA
VOUT = 3.6V, IOUT = 300mA
300
VOUT = 3.0V, IOUT = 300mA
350
VOUT = 2.5V, IOUT = 300mA
450
VOUT = 1.5V, IOUT = 300mA
700
Dropout Voltage (Note 1)
VDROP
VOUT = 1.2V, IOUT = 300mA
870
mV
Ground Current
IG
Iground = IIN - IOUT
60
μA
Line Regulation
Δ
VLINE
VIN=(VOUT+ 1V) to 5.5V, IOUT=10mA
0.3
0.4
%/V
Load Regulation
Δ
VLOAD
IOUT = 1mA to 300mA
1.0
1.5
%
Shutdown Supply Current
ISD
EN = 0V
1
μA
f = 1KHz, IOUT = 1mA
50
f = 10KHz, IOUT = 1mA
60
Ripple Rejection (PSRR)
PSRR
f = 100KHz, IOUT = 1mA
40
dB
Rload = 100 ohm, Cbypass = 0nF
20
50
μs
Start Up Delay (Note 2)
Rload = 100 ohm, Cbypass = 33nF
2
3.5
ms
Rload = 10K ohm, VOUT = 1.5V
1
Shutdown Delay (Note 3)
Rload = 10K ohm, VOUT = 1.2V
1
ms
EN Logic Low Level
VIL
VIN = 2.0V to 5.5V
0.4
V
EN Logic High Level
VIH
VIN = 2.0V to 5.5V
1.2
VIN
V
EN Input Bias Current
IBEN
VIN = EN = VOUT +1V
0.01
μA
Thermal Shutdown
TSD
Shutdown Temperature
160
°C
Thermal Hysteresis
THYS
20
°C
Note :
1. The drop out voltage varies depending on output voltage selection. Dropout is defined as VIN – VOUT when
VOUT is 100mV below nominal VOUT where VIN = VOUT + 1V for nominal VOUT.
2. Time needed for VOUT to reach 90% of final value.
3. Time needed for VOUT to discharge below 0.5V.


Similar Part No. - YB1210ST8RR270

ManufacturerPart #DatasheetDescription
YOBON TECHNOLOGIES,INC.
YOBON TECHNOLOGIES,INC.
YB1210ST8RS-1.8G YOBON-YB1210ST8RS-1.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RS-2.5G YOBON-YB1210ST8RS-2.5G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RS-2.6G YOBON-YB1210ST8RS-2.6G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RS-2.8G YOBON-YB1210ST8RS-2.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RS-3.0G YOBON-YB1210ST8RS-3.0G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST8RR270

ManufacturerPart #DatasheetDescription
YOBON TECHNOLOGIES,INC.
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
Excelliance MOS Corp.
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
Micrel Semiconductor
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
Eutech Microelectronics Inc
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
Cystech Electonics Corp.
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com