Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YB1210ST8RR270 Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC.

Part No. YB1210ST8RR270
Description  300mA, Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST8RR270 Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC.

  YB1210ST8RR270 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
YB1210R
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R Rev.1.6
www.yobon.com.tw
3
Ordering Information
Marking Information
Absolute Maximum Ratings (Note 1)
Supply Voltage............................ -0.3V to 6V
Output Voltage ................ -0.3V to (VIN+0.3V)
Output Short-Circuit Duration..............Infinite
Junction Temperature Range............ +150℃
Storage Temperature Range ....-65℃ to +150℃
Lead Temperature............................. +250℃
ESD Susceptibility (HBM)………………..2KV
ESD Susceptibility (MM) .......................200V
Recommended Operating Conditions
(Note 2)
Input Supply Voltage............... 2.0V to 5.5V
Operating Temperature........-40℃ to +85℃
Thermal In formation
(Note 3)
Thermal Resistance (SOT23/25,
θJA).... 280℃/W
Thermal Resistance (SOT-89,
θJA)......... 180℃/W
Internal Power Dissipation (SOT-23/25, PD). 0.4W
Internal Power Dissipation (SOT-89,PD) 0.55W
Note:
1. Exceeding these ratings may damage the device.
2. The device is not guaranteed to function outside of its operating conditions.
3. θJA is measured in free air at TA = 25℃ on a low effective thermal conductivity board.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn