Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YB1210ST8RR270 Datasheet(PDF) 8 Page - YOBON TECHNOLOGIES,INC.

Part No. YB1210ST8RR270
Description  300mA, Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST8RR270 Datasheet(HTML) 8 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1210ST8RR270 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC. YB1210ST8RR270 Datasheet HTML 12Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
YB1210R
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R Rev.1.6
www.yobon.com.tw
8
Function Block
Figure 3: Function Block
Functional Description
The
YB1210R
is
an
ultra-low-noise,
low-quiescent current, low-dropout linear
regulator. It is supplied in a SOT-23 /
SOT-25 / SOT-89 package for different
applications. YB1210R can supply loads up
to 300mA (typical operation, not maximum)
and output voltages are preset and ranging
from 1.2V to 3.6V.
As shown in the Functional Block Diagram,
the YB1210R consists of a reference and
noise bypass circuit, error amplifier, output
drive transistor, internal feedback voltage
divider, thermal sensor, and short circuit
current limiter.
The internal reference is connected to the
error amplifier’s inverting input. The error
amplifier compares this reference with the
feedback
voltage
and
amplifies
the
difference. If the feedback voltage is lower
than the reference voltage, the gate of the
pass-transistor is pulled low. This allows
more current to pass to the output and
increases the output voltage. If the
feedback voltage is too high, the gate of the
pass transistor is pulled high, allowing less
current to pass to the output.
Stability
The YB1210R is a high performance LDO
emphasizing stability with low output
capacitance. It is able to maintain stability
with an output capacitor as low as 1.0μF.
The output capacitor can also be increased
to optimize performance. The YB1210R will
remain stable and in regulation with no load,
unlike many other voltage regulators.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn