Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA510883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HMA510883
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510883 Datasheet(HTML) 4 Page - Intersil Corporation

  HMA510883 Datasheet HTML 1Page - Intersil Corporation HMA510883 Datasheet HTML 2Page - Intersil Corporation HMA510883 Datasheet HTML 3Page - Intersil Corporation HMA510883 Datasheet HTML 4Page - Intersil Corporation HMA510883 Datasheet HTML 5Page - Intersil Corporation HMA510883 Datasheet HTML 6Page - Intersil Corporation HMA510883 Datasheet HTML 7Page - Intersil Corporation HMA510883 Datasheet HTML 8Page - Intersil Corporation HMA510883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3-13
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input or Output Voltage Applied . . . . . . . . G ND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . 55oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (oC/W)
θ
JC (oC/W)
CPGA Package . . . . . . . . . . . . . . . . . .
43
10
Maximum Package Power Dissipation at 125oC
CPGA Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.17W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . 65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4800 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. HMA5lO/883 DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
TEST CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE (oC)
MIN
MAX
UNITS
Logical One Input
Voltage
VlH
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
2.2
-
V
Logical Zero Input
Voltage
VIL
VCC = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
-
0.8
V
Output HIGH Voltage
VOH
IOH = -400µA
VCC = 4.5V (Note 2)
1, 2, 3
-55
≤ TA ≤ 125
2.6
-
V
Output LOW Voltage
VOL
IOL = +4.0mA
VCC = 4.5V (Note 2)
1, 2, 3
-55
≤ TA ≤ 125
-
0.4
V
Input Leakage Current
II
VlN = VCC or GND
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Output or I/O Leakage
Current
IO
VOUT = VCC or GND,
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Standby Power Supply
Current
ICCSB
VIN = VCC or GND,
VCC = 5.5V,
Outputs Open
1, 2, 3
-55
≤ TA ≤ 125
-
500
µA
Operating Power Supply
Current
ICCOP
f = 1.0MHz, VIN = VCC
or GND VCC = 5.5V
(Note 3)
1, 2, 3
-55
≤ TA ≤ 125
-
7.0
mA
Functional Test
FT
(Note 4)
7, 8
-55
≤ TA ≤ 125
-
-
NOTES:
2. Interchanging of force and sense conditions is permitted.
3. Operating Supply Current a proportional to frequency, typical rating is 5mA/MHz.
4. Tested as follows: f = 1MHz, VIH (clock inputs) = 3.2V, VlH (all other inputs) = 2.6V, VIL = 0.4V, VOH ≥ 1.5V, and VOL ≤ 1.5V.
TABLE 2. HMA510/883 AC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTE 5)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE (oC)
-55
-65
-75
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
Multiply Accumu-
late Time
tMA
9, 10, 11
-55
≤ TA ≤ 125
-
55
-
65
-
75
ns
Input Setup Time
tS
9, 10, 11
-55
≤ TA ≤ 125
20
-
25
-
25
-
ns
HMA510/883


Similar Part No. - HMA510883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-45 INTERSIL-HMA510JC-45 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-55 INTERSIL-HMA510JC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com