Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP7038A8 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP7038A8
Description  J1850 8-Bit 68HC05 Microcontroller 8K EEPROM Version
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7038A8 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP7038A8 Datasheet HTML 1Page - Intersil Corporation HIP7038A8 Datasheet HTML 2Page - Intersil Corporation HIP7038A8 Datasheet HTML 3Page - Intersil Corporation HIP7038A8 Datasheet HTML 4Page - Intersil Corporation HIP7038A8 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
9-101
Specifications HIP7038A8
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Input or Output Voltage
Pins with VDD Diode . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Pins without VDD Diode. . . . . . . . . . . . . . . . . . . . . -0.3V to +10.0V
Current Drain Per Pin, I (Excluding VDD and VSS) . . . . . . . . 25mA
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21000 Gates
Operating Temperature Range (TA) . . . . . . . . . . . . -40
oC to +125oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150oC
Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . +265oC
1/16in.
± 1/32in. (1.59 ± 0.79mm) from case for 10s Max.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . . . -40oC to +85oC
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +0.8V
Input High Voltage. . . . . . . . . . . . . . . . . . . . . . . . . .(0.8•VDD) to VDD
Input Rise and Fall Time
CMOS Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ns Max.
CMOS Schmitt Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . .Unlimited
DC Electrical Specifications
VDD = 5VDC ±10%, VSS = 0VDC, TA = -40
oC to +85oC Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
RUN
IRUN
-50-
mA
WAIT
IWAIT
-4-
mA
STOP
ISTOP
TA = +25
oC
-
100
-
µA
TA = -40
oC to +85oC
-
100
-
µA
Powerdown Input Voltage:
RESET, IRQ, VPWIN, OSCIN
VINPD
VDD = 0
-0.3
-
9
V
NOTE:
1. This device contains circuitry to protect the inputs against damage due to high static voltages of electric fields; however, it is advised that
normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For
proper operation it is recommended that VIN and VOUT be constrained to the range VSS<(VIN or VOUT)<VDD. Reliability of operation is
enhanced if unused inputs except OSC2 are connected to an appropriate logic voltage level (e.g., either VSS or VDD).


Similar Part No. - HIP7038A8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP7030A0 INTERSIL-HIP7030A0 Datasheet
44Kb / 10P
   J1850 8-Bit 68HC05 Microcontroller Emulator Version
HIP7030A0M INTERSIL-HIP7030A0M Datasheet
44Kb / 10P
   J1850 8-Bit 68HC05 Microcontroller Emulator Version
HIP7030A2 INTERSIL-HIP7030A2 Datasheet
263Kb / 56P
   J1850 8-Bit 68HC05 Microcontroller
HIP7030A2M INTERSIL-HIP7030A2M Datasheet
263Kb / 56P
   J1850 8-Bit 68HC05 Microcontroller
HIP7030A2P INTERSIL-HIP7030A2P Datasheet
263Kb / 56P
   J1850 8-Bit 68HC05 Microcontroller
More results

Similar Description - HIP7038A8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP7030A0 INTERSIL-HIP7030A0 Datasheet
44Kb / 10P
   J1850 8-Bit 68HC05 Microcontroller Emulator Version
HIP7030A2 INTERSIL-HIP7030A2 Datasheet
263Kb / 56P
   J1850 8-Bit 68HC05 Microcontroller
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84_13 Datasheet
1Mb / 110P
   8-bit CMOS EEPROM Microcontroller
11/29/12 ??1996-2013
PIC16C84 MICROCHIP-PIC16C84_97 Datasheet
935Kb / 108P
   8-bit CMOS EEPROM Microcontroller
1997 - 1999
logo
ATMEL Corporation
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
   8-Bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
   8-bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com