Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6503CB Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6503CB
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6503CB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6503CB Datasheet HTML 4Page - Intersil Corporation HIP6503CB Datasheet HTML 5Page - Intersil Corporation HIP6503CB Datasheet HTML 6Page - Intersil Corporation HIP6503CB Datasheet HTML 7Page - Intersil Corporation HIP6503CB Datasheet HTML 8Page - Intersil Corporation HIP6503CB Datasheet HTML 9Page - Intersil Corporation HIP6503CB Datasheet HTML 10Page - Intersil Corporation HIP6503CB Datasheet HTML 11Page - Intersil Corporation HIP6503CB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Not shown in these diagrams is the deglitching feature used
to protect against false sleep state tripping. Both S3 and S5
pins are protected against noise by a 2
µs filter (typically 1 -
4
µs). This feature is useful in noisy computer environments if
the control signals have to travel over significant distances.
Additionally, the S3 pin features a 200
µs delay in
transitioning to sleep states. Once the S3 pin goes low, an
internal timer is activated. At the end of the 200
µs interval, if
the S5 pin is low, the HIP6503 switches into S5 sleep state; if
the S5 pin is high, the HIP6503 goes into S3 sleep state.
Soft-Start Circuit
SOFT-START INTO SLEEP STATES (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10
µA current source charges an external capacitor.
The error amplifiers reference inputs are clamped to a level
proportional to the SS (soft-start) pin voltage. As the SS pin
voltage slews from about 1.25V to 2.5V, the input clamp
allows a rapid and controlled output voltage rise.
Figure 7 shows the soft-start sequence for the typical
application start-up in sleep state with all output voltages
enabled. At time T0 5VSB (bias) is applied to the circuit. At
time T1 the 5VSB surpasses POR level. An internal fast
charge circuit quickly raises the SS capacitor voltage to
approximately 1V, then the 10
µA current source continues
the charging. The soft-start capacitor voltage reaches
approximately 1.25V at time T2, at which point the
3.3VDUAL/3.3VSB and 1.8VSB error amplifiers’ reference
inputs start their transition, resulting in the output voltages
ramping up proportionally. The ramp-up continues until time
T3 when the two voltages reach the set value. As the soft-
start capacitor voltage reaches approximately 2.75V, the
under-voltage monitoring circuit of this output is activated
and the soft-start capacitor is quickly discharged to
approximately 1.25V. Following the 3ms (typical) time-out
between T3 and T4, the MSEL and EN5VDL selections are
latched in, and the soft-start capacitor commences a second
ramp-up designed to smoothly bring up the remainder of the
voltages required by the system. At time T5 all voltages are
within regulation limits, and as the SS voltage reaches
2.75V, all the remaining UV monitors are activated and the
SS capacitor is quickly discharged to 1.25V, where it
remains until the next transition. As the 2.5VCLK output is
only active while in an active state, it does not come up, but
FIGURE 5. 5VDUAL TIMING DIAGRAM FOR EN5VDL = 0;
3VDUAL/3VSB
5VSB
3.3V,
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
5V, 12V
FIGURE 6. 2.5VMEM, 3.3VMEM, AND 2.5VCLK TIMING DIAGRAM
5VSB
3.3V,
S3
S5
DRV2
VSEN 2
VSEN2
INTERNAL
DEVICES
VCLK
DLA
VSEN1
5V, 12V
FIGURE 7. SOFT-START INTERVAL IN A SLEEP STATE
(ALL OUTPUTS ENABLED)
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1 (1.8VSB)
VOUT2
VOUT5 (5VDUAL)
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
(2.5VMEM)
VOUT4
(2.5VCLK)
HIP6503


Similar Part No. - HIP6503CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6503CB INTERSIL-HIP6503CB Datasheet
373Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6503CB RENESAS-HIP6503CB Datasheet
683Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6503CBZ INTERSIL-HIP6503CBZ Datasheet
373Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6503CBZ RENESAS-HIP6503CBZ Datasheet
683Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6503CBZ-T INTERSIL-HIP6503CBZ-T Datasheet
373Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - HIP6503CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com