Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2756TB Datasheet(PDF) 2 Page - NEC

Part No. UPC2756TB
Description  MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2756TB Datasheet(HTML) 2 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet P12807EJ2V0DS00
2
µµµµPC2756TB
PIN CONNECTIONS
PRODUCT LINE-UP (TA = +25 °C, VCC = 3.0 V, ZL = ZS = 50
Ω)
Items
VCC
(V)
ICC
(mA)
900 MHz
CG
(dB)
1.6 GHz
CG
(dB)
900 MHz
NF
(dB)
1.6 GHz
NF
(dB)
fRFin
(GHz)
fIFout
(GHz)
fOSC
(GHz)
Package
µPC2756T
2.7 to 3.3
6.0
14
14
10
13
0.1 to 2.0 10 to 300
to 2.2
6-pin minimold
µPC2756TB
6-pin super minimold
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1RFin
2GND
3LO1
4LO2
5VCC
6IFout
Part
Number
3
2
1
4
5
6
(Top View)
3
2
1
4
5
6
(Bottom View)
RF
input
IF
output
LO1LO2
VCC GND
Oscillator
IF amplifier
Mixer
Note Oscillator tank circuit must be externally
attached to LO1 and LO2 pins.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn