Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2756TB Datasheet(PDF) 1 Page - NEC

Part No. UPC2756TB
Description  MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPC2756TB Datasheet(HTML) 1 Page - NEC

  UPC2756TB Datasheet HTML 1Page - NEC UPC2756TB Datasheet HTML 2Page - NEC UPC2756TB Datasheet HTML 3Page - NEC UPC2756TB Datasheet HTML 4Page - NEC UPC2756TB Datasheet HTML 5Page - NEC UPC2756TB Datasheet HTML 6Page - NEC UPC2756TB Datasheet HTML 7Page - NEC UPC2756TB Datasheet HTML 8Page - NEC UPC2756TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC2756TB
MIXER+OSCILLATOR SILICON MMIC FOR FREQUENCY
DOWNCONVERTER OF L BAND WIRELESS RECEIVER
1997
©
Document No. P12807EJ2V0DS00 (2nd edition)
Date Published February 1999 N CP(K)
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice.
The mark
shows major revised points
DESCRIPTION
The
µPC2756TB is a silicon monolithic integrated circuit designed as L band frequency downconverter for receiver
stage of wireless systems. The IC consists of mixer and local oscillator. The TB suffix IC which is smaller package
than conventional T suffix IC contributes to reduce your system size.
The
µPC2756TB is manufactured using NEC’s 20GHz fT NESAT™ III silicon bipolar process. This process uses
silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution
and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
Wideband operation
: fRFin = 0.1 GHz to 2.0 GHz, fIFout = 10 MHz to 300 MHz
High-density surface mounting
: 6-pin super mini mold package
Low current consumption
: ICC = 6.0 mA TYP. @ VCC = 3.0 V
Supply voltage
: VCC = 2.7 to 3.3 V
Suppressed spurious signals
: Due to double balanced mixer
Equable output impedance
: Single-end push-pull IF amplifier
Equable temperature-drift oscillator : Differential amplifier type oscillator
APPLICATIONS
Data carrier up to 2.0 GHz MAX.
Wireless LAN up to 2.0 GHz MAX.
ORDERING INFORMATION
Part Number
Marking
Package
Supplying Form
µPC2756TB-E3
C1W
6-pin super minimold
Embossed tape 8mm wide.
Pin1, 2, 3 face to tape perforation side.
QTY 3kp/reel.
Remark
To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order:
µPC2756TB)
Caution Electro-static sensitive devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn