Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2756TB Datasheet(PDF) 6 Page - NEC

Part No. UPC2756TB
Description  MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2756TB Datasheet(HTML) 6 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet P12807EJ2V0DS00
6
µµµµPC2756TB
SCHEMATIC SUPPLEMENT FOR RF, IF SPECIFICATIONS
CG1
CG1
−3 dB
0.1
0.9
2.0
RF Frequency fRF (GHz)
Guaranteed gain level
fIF = 150 MHz
PRFin =
− 40 dBm
RF Frequency Response
CG1
CG1
−3 dB
10
150
300
IF Frequency fIF (GHz)
Guaranteed gain level
fRF = 0.9 GHz
PRFin =
− 40 dBm
IF Frequency Response
MIN.
TYP.
MAX.
Unit
CG1
11
14
17
dB
CG1-3 dB
8
11
14
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn