Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXX5630C1A150MA_VER.A.6 Datasheet(PDF) 1 Page - OptoSupply International

Part # OSXX5630C1A150MA_VER.A.6
Description  5.6x3.0x0.8mm smd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXX5630C1A150MA_VER.A.6 Datasheet(HTML) 1 Page - OptoSupply International

  OSXX5630C1A150MA_VER.A.6 Datasheet HTML 1Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 2Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 3Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 4Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 5Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 6Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 7Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 8Page - OptoSupply International OSXX5630C1A150MA_VER.A.6 Datasheet HTML 9Page - OptoSupply International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5
5..6
6 x
x 3
3..0
0 x
x 0
0..8
8m
mm
m S
SM
MD
D
OSXX5630C1A-150mA
V
Ve
er
r..A
A..6
6
Features
Outline Dimension
Top view white LED (5.6x3.0x0.8mm)
Super high brightness of surface mount LED
Lead frame package with individual 4 pins
ESD protection
Compatible to IR reflow soldering.
Applications
General lighting
Decoration lighting
Indicator
Recommended Soldering Pad Design
Absolute Maximum Rating
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
150
mA
Pulse Forward Current*
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
540
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/10sec
-
0
0
*Pulse width Max 0.1ms, Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
VF (V)
IR(µA)
Φv(lm)
CCT
2θ1/2(deg)
Min.
Typ. Max.
Max.
Min. Typ. Max.
Min.
Typ.
Max.
Typ.
Part Number
Color
IF=150mA
VR=5V
IF=150mA
OSW35630C1A-150mA
White
W
2.8
3.1
3.6
10
45
-
60
5000K
-
6000K
120
OSM55630C1A-150mA Warm White
M
2.8
3.1
3.6
10
40
-
55
2800K
-
3500K
120
Note: * Vf tolerance: ±0.05V
* Luminous flux measurement allowance is:±10%
LED & Application Technologies


Similar Part No. - OSXX5630C1A150MA_VER.A.6

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
More results

Similar Description - OSXX5630C1A150MA_VER.A.6

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com