Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK-1611-005-GR Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # DK-1611-005-GR
Description  Cat6 UTP Patch cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

DK-1611-005-GR Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  DK-1611-005-GR Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
DK-1611-xxx/x
rev00
Wilson
25.04.13
Cat6 UTP Patch cable
Unshielded/Booted, 24AWG, 3
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
25.04.13
Wilson
Drawn
Groll
28.04.13
Order lengths in feet: 1,3,5,7,10,15,
20,25,50,100
Order Code: DK-1611-xxx/x
Cable Jacket colors: Black(BL), White(WH),
Blue(B), Green(GR), or Grey(G)
Material:
• Conductor: 24AWG 7*0.19±0.015mm
• Conductor Insulation color coding: (1) White/Orange, (1) Orange, (1) White/Green,
(1) Green, (1) Blue, (1) White/Blue, (1) White/Brown, (1) Brown
• Cable jacket printing: DIGITUS Cat6 U-UTP PATCH CORD ISO/IEC
11801 & TIA/EIA 568-B.2-1 24AWGx4p CM(UL) C(UL)
• Wiring T568B Color
• P1 & P2 Contact plug: RJ45 8P8C 3 pc UL 94V-2
• Cable tie: White
• Cable jacket color: Black, White, Blue, or Grey
• Dielectric strength: 2.5KV dc-2seconds
• Working temperatures: -20°C ~ +60°C


Similar Part No. - DK-1611-005-GR

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-1611-005-G ASSMANN-DK-1611-005-G Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
More results

Similar Description - DK-1611-005-GR

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-1611-001-BL ASSMANN-DK-1611-001-BL Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
DK-1611-003-B ASSMANN-DK-1611-003-B Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
DK-1611-010-B ASSMANN-DK-1611-010-B Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
A-MCU60020G-R ASSMANN-A-MCU60020G-R Datasheet
89Kb / 1P
   Cat6 UTP Patch cable
A-MCU60300B-R ASSMANN-A-MCU60300B-R Datasheet
89Kb / 1P
   Cat6 UTP Patch cable
DK-1611-010-GR ASSMANN-DK-1611-010-GR Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
DK-1611-015-G ASSMANN-DK-1611-015-G Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
DK-1611-020-G ASSMANN-DK-1611-020-G Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
DK-1611-050-WH ASSMANN-DK-1611-050-WH Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
A-MCU60020 ASSMANN-A-MCU60020 Datasheet
89Kb / 1P
   Cat6 UTP Patch cable
DK-1611-100-B ASSMANN-DK-1611-100-B Datasheet
91Kb / 1P
   Cat6 UTP Patch cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com