Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXX0402C1C_VER.A.1 Datasheet(PDF) 2 Page - OptoSupply International

Part # OSXX0402C1C_VER.A.1
Description  1.0x0.5x0.4mm smd
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXX0402C1C_VER.A.1 Datasheet(HTML) 2 Page - OptoSupply International

  OSXX0402C1C_VER.A.1 Datasheet HTML 1Page - OptoSupply International OSXX0402C1C_VER.A.1 Datasheet HTML 2Page - OptoSupply International OSXX0402C1C_VER.A.1 Datasheet HTML 3Page - OptoSupply International OSXX0402C1C_VER.A.1 Datasheet HTML 4Page - OptoSupply International OSXX0402C1C_VER.A.1 Datasheet HTML 5Page - OptoSupply International OSXX0402C1C_VER.A.1 Datasheet HTML 6Page - OptoSupply International OSXX0402C1C_VER.A.1 Datasheet HTML 7Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
1..0
0 x
x 0
0..5
5 x
x 0
0..4
4m
mm
m S
SM
MD
D
OSXX0402C1C
Ver.a.1
■ Optical and electrical characteristics
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
LED & Application Technologies
Forward Voltage Vf (V)
30
Fo
rw
ar
d
Cu
rre
nt
If
(m
A
)
0.5
0
10
20
40
50
60
3.5
3.0
2.5
2.0
1.0
4.0
IF-VF
1.5
O R /H R
B L
Y L
W T
Y G
T G
0
Re
la
tiv
e
Lu
m
in
ou
sI
nt
en
sit
y
(N
or
m
al
iz
ed
@
5m
A
)
Forward current IF(mA)
Relative luminous intensity - If
20
0
10
50
30
60
40
1
2
3
4
5
6
7
BL
WT
YG
YL
OR/HR
TG
If_Ta
100
50
40
30
20
10
Fo
rw
ar
d
Cu
rre
nt
If
(m
A
)
80
60
20
-20
40
-30
Ambient Temperature Ta (°C)
0
0
Wavelength Characteristics
40
450
400
20
0
80
60
100
Ta=25°C
600
550
500
650
700
Re
la
tiv
e
Lu
m
in
ou
sI
nt
en
sit
y
Wavelength (nm)
B L
H R
Y G
Y L O R
T G
WT


Similar Part No. - OSXX0402C1C_VER.A.1

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX0603C1A OPTOSUPPLY-OSXX0603C1A Datasheet
391Kb / 7P
   1.6 x 0.8 x 0.4mm SMD
OSXX0603C1E OPTOSUPPLY-OSXX0603C1E Datasheet
449Kb / 7P
   1..6 x 0..8 x 0..6mm SMD
OSXX0805C1A_N OPTOSUPPLY-OSXX0805C1A_N Datasheet
129Kb / 1P
   2.0x1.25x1.0mm SMD
OSXX0805C1C OPTOSUPPLY-OSXX0805C1C Datasheet
84Kb / 1P
   2.0x1.25x1.0mm SMD
OSXX0805C1E_VER.A.1 OPTOSUPPLY-OSXX0805C1E_VER.A.1 Datasheet
239Kb / 2P
   2.0x1.25x0.8mm smd
More results

Similar Description - OSXX0402C1C_VER.A.1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com