Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXS0805C1E_VER.A.1 Datasheet(PDF) 1 Page - OptoSupply International

Part # OSXS0805C1E_VER.A.1
Description  2.0x1.25x1.1mm flashing smd 1.5hz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXS0805C1E_VER.A.1 Datasheet(HTML) 1 Page - OptoSupply International

  OSXS0805C1E_VER.A.1 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
2..0
0x
x1
1..2
25
5x
x1
1..1
1m
mm
m F
Flla
assh
hiin
ng
g S
SM
MD
D
1
1..5
5H
HZ
Z
OSXS0805C1E
Ver.A.1
Features
Outline Dimension
Single chip Flashing Type
2.0x1.25x1.1mm(0805) standard package.
Suitable for all SMT assembly methods.
Compatible with infrared and vapor phase reflow solder
process.
This product doesn’t contain restriction
Substance, comply ROHS standard.
Compatible with automatic placement equipment.
Applications
Automotive : Dashboards, stop lamps, turn signals.
Backlighting : LCDs, Key pads advertising.
Soldering PAD Suggested
Anode
Cathode
Note:
1. Unit:mm
2. Tolerance is ±0.1mm
Absolute Maximum Rating
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +85
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max 0.1ms, Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
VF (V)
Fled
(Hz)
Iv(mcd)
λD(nm)
2θ1/2(deg)
Min.
Typ.
Max.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Part Number
Color
IF=20mA
OSWS0805C1E
White
W
3.0
3.5
4.0
1.5
350
450
550
CCT: 7000-20000K
120
OSKS0805C1E
Pink
K
3.0
3.5
4.0
1.5
150
200
250
X:0.36~0.40, Y:0.12~0.20
120
OSBS0805C1E
Blue
B
3.0
3.5
4.0
1.5
30
50
70
460
465
475
120
OSPS0805C1E
True Green
PG
3.0
3.5
4.0
1.5
400
550
700
520
525
530
120
OSGS0805C1E
Yellow Green
YG
3.0
3.5
4.0
1.5
25
35
50
565
570
575
120
OSYS0805C1E
Yellow
Y
3.0
3.5
4.0
1.5
70
100
150
585
590
595
120
OSRS0805C1E
Red
R
3.0
3.5
4.0
1.5
70
100
150
620
625
630
120
Note: *1. Vf tolerance: ±0.05V
*2. Dominant wavelength tolerance: ±1nm
*3. Luminous intensity tolerance:±10%
*4. Tolerance of Frequency is +20%
LED & Application Technologies
0
0


Similar Part No. - OSXS0805C1E_VER.A.1

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXS0805C1E OPTOSUPPLY-OSXS0805C1E Datasheet
103Kb / 1P
   Single chip Flashing Type
More results

Similar Description - OSXS0805C1E_VER.A.1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
   LED flashing light,
HF3508A ETC1-HF3508A Datasheet
38Kb / 1P
   Automotive Flashing Relays
logo
OptoSupply Internationa...
OSB5SS3131A OPTOSUPPLY-OSB5SS3131A Datasheet
96Kb / 1P
   3mm Flashing Blue LED
OSXS0805C1E OPTOSUPPLY-OSXS0805C1E Datasheet
103Kb / 1P
   Single chip Flashing Type
logo
SHENZHEN FUMAN ELECTRON...
SC0691 FUMAN-SC0691 Datasheet
72Kb / 1P
   LCD driver flashing IC
logo
OptoSupply Internationa...
OSY5SS3131A OPTOSUPPLY-OSY5SS3131A Datasheet
96Kb / 1P
   3mm Flashing Yellow LED
OSR5SS3131A OPTOSUPPLY-OSR5SS3131A Datasheet
96Kb / 1P
   3mm Flashing Red LED
OSO5SS3131A OPTOSUPPLY-OSO5SS3131A Datasheet
96Kb / 1P
   3mm Flashing Orange LED
logo
SHENZHEN FUMAN ELECTRON...
SC0691B FUMAN-SC0691B Datasheet
74Kb / 1P
   LCD driver flashing IC
logo
3M Electronics
3015LF 3M-3015LF Datasheet
281Kb / 4P
   3M??Permeable Liquid Flashing Membrane
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com