Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP6301 Datasheet(PDF) 14 Page - Intersil Corporation

Part # HIP6301
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HIP6301 Datasheet HTML 8Page - Intersil Corporation HIP6301 Datasheet HTML 9Page - Intersil Corporation HIP6301 Datasheet HTML 10Page - Intersil Corporation HIP6301 Datasheet HTML 11Page - Intersil Corporation HIP6301 Datasheet HTML 12Page - Intersil Corporation HIP6301 Datasheet HTML 13Page - Intersil Corporation HIP6301 Datasheet HTML 14Page - Intersil Corporation HIP6301 Datasheet HTML 15Page - Intersil Corporation HIP6301 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
The wiring traces from the driver IC to the MOSFET gate and
source should be sized to carry at least one ampere of current.
Component Selection Guidelines
Output Capacitor Selection
The output capacitor is selected to meet both the dynamic
load requirements and the voltage ripple requirements. The
load transient for the microprocessor CORE is characterized
by high slew rate (di/dt) current demands. In general,
multiple high quality capacitors of different size and dielectric
are paralleled to meet the design constraints.
Modern microprocessors produce severe transient load rates.
High frequency capacitors supply the initially transient current
and slow the load rate-of-change seen by the bulk capacitors.
The bulk filter capacitor values are generally determined by
the ESR (effective series resistance) and voltage rating
requirements rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR determines the output ripple voltage
and the initial voltage drop following a high slew-rate
transient’s edge. In most cases, multiple capacitors of small
case size perform better than a single large case capacitor.
Bulk capacitor choices include aluminum electrolytic, OS-
Con, Tantalum and even ceramic dielectrics. An aluminum
electrolytic capacitor’s ESR value is related to the case size
with lower ESR available in larger case sizes. However, the
equivalent series inductance (ESL) of these capacitors
increases with case size and can reduce the usefulness of
the capacitor to high slew-rate transient loading.
Unfortunately, ESL is not a specified parameter. Consult the
capacitor manufacturer and measure the capacitor’s
impedance with frequency to select a suitable component.
Output Inductor Selection
One of the parameters limiting the converter’s response to a
load transient is the time required to change the inductor
current. Small inductors in a multi-phase converter reduces
the response time without significant increases in total ripple
current.
The output inductor of each power channel controls the
ripple current. The control IC is stable for channel ripple
current (peak-to-peak) up to twice the average current. A
single channel’s ripple current is approximately:
The current from multiple channels tend to cancel each other
and reduce the total ripple current. Figure 12 gives the total
ripple current as a function of duty cycle, normalized to the
parameter
at zero duty cycle. To determine
the total ripple current from the number of channels and the
duty cycle, multiply the y-axis value by
.
Small values of output inductance can cause excessive
power dissipation. The HIP6303 is designed for stable
operation for ripple currents up to twice the load current.
However, for this condition, the RMS current is 115% above
the value shown in the following MOSFET Selection and
Considerations section. With all else fixed, decreasing the
∆I
V
IN
V
OUT
F
SW
L
×
--------------------------------
V
OUT
V
IN
----------------
×
=
VCORE
+12V
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LO1
COUT
CIN
+5VIN
KEY
PHASE
VCC
USE INDIVIDUAL METAL RUNS
COMP
HIP6301
PWM
RT
RIN
RFB
CBP
FB
VSEN
ISEN
RSEN
HIP6601
CBOOT
CBP
CT
VCC
FS/DIS
PVCC
LOCATE NEXT TO IC PIN
LOCATE NEXT
TO FB PIN
LOCATE NEXT TO IC PIN(S)
ISOLATE OUTPUT STAGES
FOR EACH CHANNEL TO HELP
LOCATE NEAR TRANSISTOR
FIGURE 11. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
Vo
() LxF
SW
()
Vo
() LxF
SW
()
HIP6301
HIP6301


Similar Part No. - HIP6301

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HIP6301 RENESAS-HIP6301 Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6301CB INTERSIL-HIP6301CB Datasheet
467Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301CB RENESAS-HIP6301CB Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6301CB-T INTERSIL-HIP6301CB-T Datasheet
467Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301CB-T RENESAS-HIP6301CB-T Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6301

ManufacturerPart #DatasheetDescription
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301 RENESAS-HIP6301 Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com