Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP6301 Datasheet(PDF) 11 Page - Intersil Corporation

Part No. HIP6301
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6301 Datasheet HTML 7Page - Intersil Corporation HIP6301 Datasheet HTML 8Page - Intersil Corporation HIP6301 Datasheet HTML 9Page - Intersil Corporation HIP6301 Datasheet HTML 10Page - Intersil Corporation HIP6301 Datasheet HTML 11Page - Intersil Corporation HIP6301 Datasheet HTML 12Page - Intersil Corporation HIP6301 Datasheet HTML 13Page - Intersil Corporation HIP6301 Datasheet HTML 14Page - Intersil Corporation HIP6301 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Current Sensing and Balancing
Overview
The HIP6301 samples the on-state voltage drop across each
synchronous rectifier FET, Q2, as an indication of the
inductor current in that phase, see Figure 7. Neglecting AC
effects (to be discussed later), the voltage drop across Q2 is
simply rDS(ON)(Q2) x inductor current (IL). Note that IL, the
inductor current, is either 1/2, 1/3, or 1/4 of the total current
(ILT), depending on how many phases are in use.
The voltage at Q2’s drain, the PHASE node, is applied to the
RISEN resistor to develop the IISEN current to the HIP6301
ISEN pin. This pin is held at virtual ground, so the current
through RISEN is IL xrDS(ON)(Q2) / RISEN.
The IISEN current provides information to perform the
following functions:
1. Detection of an over-current condition
2. Reduce the regulator output voltage with increasing load
current (droop)
3. Balance the IL currents in multiple channels
Over-Current, Selecting RISEN
The current detected through the RISEN resistor is averaged
with the current(s) detected in the other 1, 2, or 3 channels.
The averaged current is compared with a trimmed, internally
generated current, and used to detect an over-current
condition.
The nominal current through the RISEN resistor should be
50
µA at full output load current, and the nominal trip point for
over-current detection is 165% of that value, or 82.5
µA.
Therefore, RISEN = IL x rDS(ON) (Q2) / 50µA.
For a full load of 25A per phase, and an rDS(ON) (Q2) of
4m
Ω, RISEN = 2kΩ.
The over-current trip point would be 165% of 25A, or ~ 41A
per phase. The RISEN value can be adjusted to change the
over-current trip point, but it is suggested to stay within
±25%
of nominal.
Droop, Selection of RIN
The average of the currents detected through the RISEN
resistors is also steered to the FB pin. There is no DC return
path connected to the FB pin except for RIN, so the average
current creates a voltage drop across RIN. This drop
FIGURE 7. SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM SHOWING CURRENT AND VOLTAGE SAMPLING
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
AVERAGING
CURRENT
FROM
OTHER
CHANNELS
SAWTOOTH
GENERATOR
+
DIFFERENCE
RISEN
+
CORRECTION
ERROR
AMPLIFIER
FB
COMP
REFERENCE
TO OTHER
CHANNELS
ISEN
RIN
RFB
Cc
VCORE
Q1
Q2
COMPARATOR
REFERENCE
TO OVER
CURRENT
TRIP
L01
PHASE
INDUCTOR
CURRENT(S)
FROM
OTHER
CHANNELS
PWM
IL
DAC
HIP6301
VIN
ONLY ONE OUTPUT
HIP6601
-
-
STAGE SHOWN
-
+
SENSING
-
+
-
+
HIP6301
HIP6301


Similar Part No. - HIP6301

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HIP6301 RENESAS-HIP6301 Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6301CB INTERSIL-HIP6301CB Datasheet
467Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301CB RENESAS-HIP6301CB Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6301CB-T INTERSIL-HIP6301CB-T Datasheet
467Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301CB-T RENESAS-HIP6301CB-T Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6301

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301 RENESAS-HIP6301 Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz