Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP6301 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HIP6301
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6301 Datasheet HTML 1Page - Intersil Corporation HIP6301 Datasheet HTML 2Page - Intersil Corporation HIP6301 Datasheet HTML 3Page - Intersil Corporation HIP6301 Datasheet HTML 4Page - Intersil Corporation HIP6301 Datasheet HTML 5Page - Intersil Corporation HIP6301 Datasheet HTML 6Page - Intersil Corporation HIP6301 Datasheet HTML 7Page - Intersil Corporation HIP6301 Datasheet HTML 8Page - Intersil Corporation HIP6301 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Typical Application - 2 Phase Converter Using HIP6601 Gate Drivers
MAIN
CONTROL
HIP6301
VID3
VID0
PGOOD
FB
+5V
COMP
PWM3
PWM2
PWM1
ISEN3
ISEN2
ISEN1
VSEN
DRIVER
HIP6601
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
PVCC
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
DRIVER
HIP6601
PVCC
FS/DIS
PWM4
ISEN4
NC
GND
GND
GND
VCC
+VCORE
NC
+12V
+12V
VID2
VID4
VID1
HIP6301


Similar Part No. - HIP6301

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HIP6301 RENESAS-HIP6301 Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6301CB INTERSIL-HIP6301CB Datasheet
467Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301CB RENESAS-HIP6301CB Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6301CB-T INTERSIL-HIP6301CB-T Datasheet
467Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301CB-T RENESAS-HIP6301CB-T Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6301

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Intersil Corporation
Intersil Corporation
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Renesas Technology Corp
Renesas Technology Corp
HIP6301 RENESAS-HIP6301 Datasheet
804Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz