Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSWW72E3E1EVER.1 Datasheet(PDF) 1 Page - OptoSupply International

Part # OSWW72E3E1EVER.1
Description  xeon power pure white hv ac led 3w 70v
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWW72E3E1EVER.1 Datasheet(HTML) 1 Page - OptoSupply International

  OSWW72E3E1EVER.1 Datasheet HTML 1Page - OptoSupply International OSWW72E3E1EVER.1 Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
X
Xe
eo
on
n P
Po
ow
we
er
r P
Pu
ur
re
e W
Wh
hiitte
e H
HV
V A
AC
C L
LE
ED
D
3
3W
W 7
70
0V
V
OSWW72E3E1E
Ver.1
■Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
LED cells connected in series
Need extra resistor
For high voltage/low current applications
■Applications
Read lights
Lighting
Other
2.0
1.
15
1.
05
0.
2
14.5
5.5
2.
51
5.
06
Unit:mm
Tolerance:±0.30mm
3.6
BackView
0.
1
1
2
1
2
■Absolute Maximum Rating
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
AC Current
I
40
mA
Pulse Current*
IP
100
mA
Power Dissipation
PD
3
W
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
30°
90°
60°
0
0
90°
30°
60°
0.5
0.5
1
1
■Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
Applications D
Diia
ag
gr
ra
am
m
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
AC Voltage
V
I=40mA
66
70
76
V
Luminous Flux
Φv
I=40mA
120
130
-
lm
Color Temperature
CCT
I=40mA
-
6500
-
K
x
IF=40mA
-
0.31
-
-
Chromaticity
Coordinates*
y
IF=40mA
-
0.33
-
-
50% Power Angle
1/2
IF=40mA
-
140
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 5 emitter series.
LED & Application Technologies
AC ~
R
LED


Similar Part No. - OSWW72E3E1EVER.1

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWW72E3E1E OPTOSUPPLY-OSWW72E3E1E Datasheet
175Kb / 2P
   Xeon Power Pure Whiite HV AC LED 3W 70V
More results

Similar Description - OSWW72E3E1EVER.1

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWW72E3E1E OPTOSUPPLY-OSWW72E3E1E Datasheet
175Kb / 2P
   Xeon Power Pure Whiite HV AC LED 3W 70V
OSMM72E3E1EVER.1 OPTOSUPPLY-OSMM72E3E1EVER.1 Datasheet
175Kb / 2P
   xeon power warm white hv ac led 3w 70v
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
   xeon power pure white hv ac led 3w 50v
OSMM72E3E1E OPTOSUPPLY-OSMM72E3E1E Datasheet
175Kb / 2P
   Xeon Power Warm Whiite HV AC LED 3W 70V
OSWWH2E3E1E OPTOSUPPLY-OSWWH2E3E1E Datasheet
175Kb / 2P
   Xeon Power Pure Whiite HV AC LED 3W 50V
OS4W7NE1E1EVER.1 OPTOSUPPLY-OS4W7NE1E1EVER.1 Datasheet
144Kb / 2P
   Xeon Power Pure White LED 1W 70V
OS5M7NE1E1EVER.1 OPTOSUPPLY-OS5M7NE1E1EVER.1 Datasheet
144Kb / 2P
   Xeon Power Pure White LED 1W 70V
OSW4XNE3E1E OPTOSUPPLY-OSW4XNE3E1E Datasheet
177Kb / 2P
   Xeon 3 Power Pure White LED
OSW4XZE3C1E OPTOSUPPLY-OSW4XZE3C1E Datasheet
123Kb / 1P
   Xeon 3 Power Pure White LED
OSW4Z3E1E1S_VER.C.2 OPTOSUPPLY-OSW4Z3E1E1S_VER.C.2 Datasheet
115Kb / 1P
   xeon 1 power pure white led
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com