Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6200 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP6200
Description  Transient Voltage Regulator DeCAPitator?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6200 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6200 Datasheet HTML 1Page - Intersil Corporation HIP6200 Datasheet HTML 2Page - Intersil Corporation HIP6200 Datasheet HTML 3Page - Intersil Corporation HIP6200 Datasheet HTML 4Page - Intersil Corporation HIP6200 Datasheet HTML 5Page - Intersil Corporation HIP6200 Datasheet HTML 6Page - Intersil Corporation HIP6200 Datasheet HTML 7Page - Intersil Corporation HIP6200 Datasheet HTML 8Page - Intersil Corporation HIP6200 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2-444
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC, PVCC. . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
EN, CAP, OUT, SNS. . . . . . . . . . . . . . . . . . . . . . . .GND-0.3V to +7V
GND - PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +0.5V
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Output Device Supply Voltage, PVCC . . . . . . . . . . . . +4.5V to +5.5V
Output Voltage, OUT = SNS = CAP. . . . . . . . . . . . . . +1.3V to +2.0V
Load Transient Current
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±8A
Ambient Operating Temperature Range . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
145oC/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
IVCC
-
300
-
µA
Shutdown Supply
IVCC_SD
EN = GND
-
1
-
µA
PROTECTION CIRCUITRY
EN Threshold
VTH_EN
0.8
1.5
2.0
V
Overtemperature (OT) Threshold
OT
130
150
170
oC
On-Resistance of OT NMOS
Rds_TFN
-
250
600
POWER-ON RESET (POR)
VCC Rising Threshold
VTHH_VCC EN = VCC
-
4.1
4.5
V
VCC Falling Threshold
VTHL_VCC EN = VCC
3.6
4.0
-
V
CAP Rising Threshold
VTH_CAP
EN = VCC
-
1.10
1.20
V
CAP Falling Threshold
EN = VCC
0.95
1.05
-
V
POR Turn-Off Delay to EN Falling
-2-
µs
POR Turn-On Delay to EN Rising
-1-
ms
POR Turn-Off Delay to VCC UV
EN = VCC, VCC Falling
-
15
-
µs
POR Turn-On Delay after VCC UV
EN = VCC, VCC Rising
-
15
-
µs
POR Turn-Off Delay to CAP UV
EN = VCC, CAP Falling
-
2
-
µs
POR Turn-On Delay after CAP UV
EN = VCC, CAP Rising
-
15
-
µs
REFERENCE VOLTAGE
VSNS - VCAP
VHIGH
CAP = 2V, SNS Increased Until Amplifier Turns On
-
30
-
mV
VCAP -VSNS
VLOW
CAP = 2V, SNS Decreased Until Amplifier Turns On
-
20
-
mV
AMPLIFIERS
Transconductance
-
500
-
A/V
Response Time (Rising)
60mV Step on OUT, Time for IOUT < -4A
50
100
175
ns
Response Time (Falling)
-60mV Step on OUT, Time for IOUT > 4A
50
100
175
ns
RESISTOR VALUES
Small Time Constant Resistor
RT1
120
200
250
Large Time Constant Resistor
RT2
3000
4000
5500
VCC to PVCC Resistor
RVCC
610
16
OUT to SNS Resistor
ROUT
1000
1500
2100
GND to PGND Resistors
RGND
-
140
-
HIP6200, HIP6201


Similar Part No. - HIP6200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6200 RENESAS-HIP6200 Datasheet
556Kb / 9P
   Transient Voltage Regulator DeCAPitator
February 5, 2015
HIP6200CB RENESAS-HIP6200CB Datasheet
556Kb / 9P
   Transient Voltage Regulator DeCAPitator
February 5, 2015
More results

Similar Description - HIP6200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6200 RENESAS-HIP6200 Datasheet
556Kb / 9P
   Transient Voltage Regulator DeCAPitator
February 5, 2015
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
logo
Texas Instruments
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com