Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP6020A Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HIP6020A
Description  Advanced Dual PWM and Dual Linear Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020A Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6020A Datasheet HTML 1Page - Intersil Corporation HIP6020A Datasheet HTML 2Page - Intersil Corporation HIP6020A Datasheet HTML 3Page - Intersil Corporation HIP6020A Datasheet HTML 4Page - Intersil Corporation HIP6020A Datasheet HTML 5Page - Intersil Corporation HIP6020A Datasheet HTML 6Page - Intersil Corporation HIP6020A Datasheet HTML 7Page - Intersil Corporation HIP6020A Datasheet HTML 8Page - Intersil Corporation HIP6020A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SOFT-
START
INHIBIT
PWM
COMP1
ERROR
AMP1
VCC
PGOOD
PWM1
GND
VSEN1
OCSET1
VID0
VID1
VID2
VID3
FB1
COMP1
DACOUT
UGATE1
PHASE1
200
µA
28
µA
4.5V
+
-
+
-
+
-
+
-
VID4
LGATE1
PGND
DRIVE4
DRIVE3
FB3
+
-
INHIBIT
PWM2
UGATE2
PHASE2
ERROR
AMP2
PWM
COMP2
200
µA
OCSET2
VSEN2
FAULT / RT
+
-
+
-
GATE
CONTROL
+
-
1.26V
+
-
POWER-ON
RESET (POR)
TTL D/A
CONVERTER
(DAC)
OSCILLATOR
+
-
GATE
CONTROL
VCC
VCC
VCC
VCC
& FAULT
LOGIC
SS
1.5V
SYNCH
DRIVE
DRIVE1
DRIVE2
+
-
+
+
-
UNDER-
VOLTAGE
FB4
LINEAR
FAULT
OV
LUV
OC2
OC1
-
or
3.3V
SELECT
VAUX
VAUX
0.75
x
0.75
x
0.90
x
1.10
x
1.15
x


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn