Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6020A Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6020A
Description  Advanced Dual PWM and Dual Linear Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6020A Datasheet HTML 4Page - Intersil Corporation HIP6020A Datasheet HTML 5Page - Intersil Corporation HIP6020A Datasheet HTML 6Page - Intersil Corporation HIP6020A Datasheet HTML 7Page - Intersil Corporation HIP6020A Datasheet HTML 8Page - Intersil Corporation HIP6020A Datasheet HTML 9Page - Intersil Corporation HIP6020A Datasheet HTML 10Page - Intersil Corporation HIP6020A Datasheet HTML 11Page - Intersil Corporation HIP6020A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
4-8
The remaining outputs are also programmed to follow the SS
pin voltage. The PGOOD signal toggles ‘high’ when all output
voltage levels have exceeded their under-voltage levels. See
the Soft-Start Interval section under Applications Guidelines
for a procedure to determine the soft-start interval.
Fault Protection
All four outputs are monitored and protected against extreme
overload. A sustained overload on any output or an over-
voltage on VOUT1 output (VSEN1) disables all outputs and
drives the FAULT/RT pin to VCC.
Figure 7 shows a simplified schematic of the fault logic. An
over-voltage detected on VSEN1 immediately sets the fault
latch. A sequence of three over-current fault signals also
sets the fault latch. The over-current latch is set dependent
upon the states of the over-current (OC1 and OC2), linear
under-voltage (LUV) and the soft-start signals. A window
comparator monitors the SS pin and indicates when CSS is
fully charged to 4.5V (UP signal). An under-voltage on either
linear output (sensed at FB3 and FB4) is ignored until after
the soft-start interval (T4 in Figure 6). This allows VOUT3
and VOUT4 to increase without fault at start-up. Cycling the
bias input voltage (+12VIN on the VCC pin off then on)
resets the counter and the fault latch.
Over-Voltage Protection
During operation, a short across the synchronous PWM
upper MOSFET (Q1) causes VOUT1 to increase. When the
output exceeds the over-voltage threshold of 115% of
DACOUT, the over-voltage comparator trips to set the fault
latch and turns the lower MOSFET (Q2) on. This blows the
input fuse and reduces VOUT1. The fault latch raises the
FAULT/RT pin to VCC.
A separate over-voltage circuit provides protection during
the initial application of power. For voltages on the VCC pin
below the power-on reset (and above ~4V), the output level
is monitored for voltages above 1.3V. Should VSEN1 exceed
this level, the lower MOSFET, Q2 is driven on.
Over-Current Protection
All outputs are protected against excessive over-currents.
Both PWM controllers use the upper MOSFET’s on-
resistance, rDS(ON) to monitor the current for protection
against shorted outputs. Both linear regulators monitor their
respective VSEN pins for under-voltage to protect against
excessive currents.
Figure 8 illustrates the over-current protection with an
overload on OUT2. The overload is applied at T0 and the
current increases through the inductor (LOUT2). At time T1,
the OVER-CURRENT2 comparator trips when the voltage
across Q3 (iD rDS(ON)) exceeds the level programmed by
ROCSET. This inhibits all outputs, discharges the soft-start
capacitor (CSS) with a 28µA current sink, and increments the
counter. CSS recharges at T2 and initiates a soft-start cycle
with the error amplifiers clamped by soft-start. With OUT2 still
overloaded, the inductor current increases to trip the over-
current comparator. Again, this inhibits all outputs, but the
soft-start voltage continues increasing to 4.5V before
discharging. The counter increments to 2. The soft-start cycle
repeats at T3 and trips the over-current comparator. The SS
pin voltage increases to 4.5V at T4 and the counter
increments to 3. This sets the fault latch to disable the
converter. The fault is reported on the FAULT/RT pin.
The PWM1 controller operates in the same way as PWM2 to
over-current faults. Additionally, the two linear controllers
monitor the FB pins for an under-voltage. Should excessive
currents cause FB3 or FB4 to fall below the linear under-
voltage threshold, the LUV signal sets the over-current latch,
providing CSS is fully charged. Blanking the LUV signal during
the CSS charge interval allows the linear outputs to build
above the under-voltage threshold during normal operation.
Cycling the bias input power off then on resets the counter
and the fault latch.
FAULT
LATCH
S
R
Q
POR
COUNTER
OC1
OV
OC2
LUV
+
-
+
-
0.15V
4V
SS
VCC
FAULT
R
FIGURE 4. FAULT LOGIC - SIMPLIFIED SCHEMATIC
UP
OVER-
CURRENT
LATCH
INHIBIT
S
R
Q
FIGURE 5. OVER-CURRENT OPERATION
0A
0V
2V
4V
TIME
T1
T2
T3
T0
T4
0V
10V
OVERLOAD
APPLIED
FAULT
REPORTED
COUNT
= 1
COUNT
= 2
COUNT
= 3
HIP6020A


Similar Part No. - HIP6020A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Intersil Corporation
HIP6020ACB INTERSIL-HIP6020ACB Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020ACB RENESAS-HIP6020ACB Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - HIP6020A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com