Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP6020A Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HIP6020A
Description  Advanced Dual PWM and Dual Linear Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020A Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6020A Datasheet HTML 1Page - Intersil Corporation HIP6020A Datasheet HTML 2Page - Intersil Corporation HIP6020A Datasheet HTML 3Page - Intersil Corporation HIP6020A Datasheet HTML 4Page - Intersil Corporation HIP6020A Datasheet HTML 5Page - Intersil Corporation HIP6020A Datasheet HTML 6Page - Intersil Corporation HIP6020A Datasheet HTML 7Page - Intersil Corporation HIP6020A Datasheet HTML 8Page - Intersil Corporation HIP6020A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4-5
PWM CONTROLLERS GATE DRIVERS
UGATE1,2 Source
IUGATE
VCC = 12V, VUGATE1 (or VUGATE2) = 6V
-
1
-
A
UGATE1,2 Sink
RUGATE
VGATE-PHASE = 1V
-
1.7
3.5
LGATE Source
ILGATE
VCC = 12V, VLGATE1 = 1V
-
1
-
A
LGATE Sink
RLGATE
VLGATE = 1V
-
1.4
3.0
PROTECTION
VSEN1 Over-Voltage (VSEN1/DACOUT)
VSEN1 Rising
-
115
120
%
FAULT Sourcing Current
IOVP
VFAULT/RT = 2.0V
-
8.5
-
mA
OCSET1,2 Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-Start Current
ISS
-28-
µA
VSEN2 Under-Voltage Threshold
SELECT < 0.8V
-
75
-
%
SELECT > 2.0V
-
2.475
-
V
VSEN2 Under-Voltage Hysteresis
SELECT < 0.8V
-
7
-
%
SELECT > 2.0V
-
0.231
-
V
POWER GOOD
VSEN1 Upper Threshold
(VSEN1/DACOUT)
VSEN1 Rising
108
-
110
%
VSEN1 Under-Voltage
(VSEN1/DACOUT)
VSEN1 Rising
92
-
94
%
VSEN1 Hysteresis (VSEN1/DACOUT)
Upper/Lower Threshold
-
2
-
%
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
-
0.8
V
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. RT RESISTANCE vs FREQUENCY
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN TO VSS
100
200
300
400
500
600
700
800
900
1000
SWITCHING FREQUENCY (kHz)
140
120
100
80
60
40
20
0
C = 660pF
C = 1500pF
C = 3600pF
C = 4800pF
CUGATE1 = CUGATE2 = CLGATE1 = C
VIN = 5V ; SELECT < 0.8V
VCC = 12V
HIP6020A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn