Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6011 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6011
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6011 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6011 Datasheet HTML 1Page - Intersil Corporation HIP6011 Datasheet HTML 2Page - Intersil Corporation HIP6011 Datasheet HTML 3Page - Intersil Corporation HIP6011 Datasheet HTML 4Page - Intersil Corporation HIP6011 Datasheet HTML 5Page - Intersil Corporation HIP6011 Datasheet HTML 6Page - Intersil Corporation HIP6011 Datasheet HTML 7Page - Intersil Corporation HIP6011 Datasheet HTML 8Page - Intersil Corporation HIP6011 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Typical Application
Block Diagram
+12V
+VO
HIP6011
RT
FB
COMP
SS
REF
GND
MONITOR AND
PROTECTION
OSC
UGATE
OCSET
PHASE
BOOT
EN
VCC
+5V OR +12V
VSEN
OVP
+
-
+
-
+
-
-
+
OSCILLATOR
SOFT-
START
+
-
REFERENCE
POWER-ON
RESET (POR)
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
SS
PWM
RT
GND
OCSET
FB
COMP
EN
1.27V REF
OVER-
CURRENT
GATE
CONTROL
LOGIC
BOOT
UGATE
PHASE
200
µA
10
µA
4V
+
-
OVP
VSEN
115%
OVER-
VOLTAGE
HIP6011


Similar Part No. - HIP6011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6012 RENESAS-HIP6012 Datasheet
655Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012CB INTERSIL-HIP6012CB Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - HIP6011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6008 INTERSIL-HIP6008 Datasheet
209Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com