Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6005B Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6005B
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6005B Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6005B Datasheet HTML 1Page - Intersil Corporation HIP6005B Datasheet HTML 2Page - Intersil Corporation HIP6005B Datasheet HTML 3Page - Intersil Corporation HIP6005B Datasheet HTML 4Page - Intersil Corporation HIP6005B Datasheet HTML 5Page - Intersil Corporation HIP6005B Datasheet HTML 6Page - Intersil Corporation HIP6005B Datasheet HTML 7Page - Intersil Corporation HIP6005B Datasheet HTML 8Page - Intersil Corporation HIP6005B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2-114
BOOT (Pin 15)
This pin provides bias voltage to the upper MOSFET driver.
A bootstrap circuit may be used to create a BOOT voltage
suitable to drive a standard N-Channel MOSFET.
NC (Pin 16)
No connection.
NC (Pin 17)
No connection.
VCC (Pin 18)
Provide a 12V bias supply for the chip to this pin.
OVP (Pin 19)
The OVP pin can be used to drive an external SCR in the
event of an overvoltage condition. Output rising 15% more
than the DAC-set voltage triggers a high output on this pin
and disables PWM gate drive circuitry.
RT (Pin 20)
This pin provides oscillator switching frequency adjustment.
By placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a pull-up resistor (RT) from this pin
to VCC reduces the switching frequency according to the
following equation:
Functional Description
Initialization
The HIP6005B automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary. The
Power-On Reset (POR) function continually monitors the input
supply voltages. The POR monitors the bias voltage at the VCC
pin and the input voltage (VIN) on the OCSET pin. The level on
OCSET is equal to VIN less a fixed voltage drop (see over-
current protection). The POR function initiates soft start
operation after both input supply voltages exceed their POR
thresholds. For operation with a single +12V power source, VIN
and VCC are equivalent and the +12V power source must
exceed the rising VCC threshold before POR initiates operation.
Soft Start
The POR function initiates the soft start sequence. An internal
10
µA current source charges an external capacitor (CSS) on
the SS pin to 4V. Soft start clamps the error amplifier output
(COMP pin) and reference input (+ terminal of error amp) to
the SS pin voltage. Figure 3 shows the soft start interval with
CSS = 0.1µF. Initially the clamp on the error amplifier (COMP
pin) controls the converter’s output voltage. At t1 in Figure 3,
the SS voltage reaches the valley of the oscillator’s triangle
wave. The oscillator’s triangular waveform is compared to the
ramping error amplifier voltage. This generates PHASE
pulses of increasing width that charge the output capacitor(s).
This interval of increasing pulse width continues to t2. With
sufficient output voltage, the clamp on the reference input
controls the output voltage. This is the interval between t2 and
t3 in Figure 3. At t3 the SS voltage exceeds the DACOUT
voltage and the output voltage is in regulation. This method
provides a rapid and controlled output voltage rise. The
PGOOD signal toggles ‘high’ when the output voltage (VSEN
pin) is within
±5% of DACOUT. The 2% hysteresis built into
the power good comparators prevents PGOOD oscillation due
to nominal output voltage ripple.
Over-Current Protection
The over-current function protects the converter from a
shorted output by using the upper MOSFET’s on-resistance,
rDS(ON) to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating a
current sensing resistor.
Fs
200kHz
5x10
6
R
T kΩ
()
---------------------
+
(RT to GND)
Fs
200kHz
4x10
7
R
T kΩ
()
---------------------
(RT to 12V)
0V
0V
0V
TIME (5ms/DIV.)
SOFT-START
(1V/DIV.)
OUTPUT
(1V/DIV.)
VOLTAGE
t2
t3
PGOOD
(2V/DIV.)
FIGURE 3. SOFT START INTERVAL
t1
0A
0V
TIME (20ms/DIV.)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
HIP6005B


Similar Part No. - HIP6005B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005ACB INTERSIL-HIP6005ACB Datasheet
153Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005CB INTERSIL-HIP6005CB Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
More results

Similar Description - HIP6005B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6008 INTERSIL-HIP6008 Datasheet
209Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com