Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6005ACB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6005ACB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6005ACB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6005ACB Datasheet HTML 4Page - Intersil Corporation HIP6005ACB Datasheet HTML 5Page - Intersil Corporation HIP6005ACB Datasheet HTML 6Page - Intersil Corporation HIP6005ACB Datasheet HTML 7Page - Intersil Corporation HIP6005ACB Datasheet HTML 8Page - Intersil Corporation HIP6005ACB Datasheet HTML 9Page - Intersil Corporation HIP6005ACB Datasheet HTML 10Page - Intersil Corporation HIP6005ACB Datasheet HTML 11Page - Intersil Corporation HIP6005ACB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2-106
Compensation Break Frequency Equations
Figure 8 shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency. The actual Modulator Gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 8. Using the above guidelines should give a
Compensation Gain similar to the curve plotted. The open
loop error amplifier gain bounds the compensation gain.
Check the compensation gain at FP2 with the capabilities of
the error amplifier. The Closed Loop Gain is constructed on
the log-log graph of Figure 8 by adding the Modulator Gain (in
dB) to the Compensation Gain (in dB). This is equivalent to
multiplying the modulator transfer function to the
compensation transfer function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Component Selection Guidelines
Output Capacitor Selection
An output capacitor is required to filter the output and supply
the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout.
Modern microprocessors produce transient load rates above
1A/ns. High frequency capacitors initially supply the transient
and slow the current load rate seen by the bulk capacitors.
The bulk filter capacitor values are generally determined by
the ESR (effective series resistance) and voltage rating
requirements rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements. For example, Intel
recommends that the high frequency decoupling for the
Pentium Pro be composed of at least forty (40) 1
µF ceramic
capacitors in the 1206 surface-mount package.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR will determine the output ripple voltage
and the initial voltage drop after a high slew-rate transient.
An aluminum electrolytic capacitor's ESR value is related to
the case size with lower ESR available in larger case sizes.
However, the equivalent series inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading. Unfortunately, ESL is not a specified parameter.
Work with your capacitor supplier and measure the
capacitor’s impedance with frequency to select a suitable
component. In most cases, multiple electrolytic capacitors of
small case size perform better than a single large case
capacitor.
Output Inductor Selection
The output inductor is selected to meet the output voltage
ripple requirements and minimize the converter’s response
time to the load transient. The inductor value determines the
converter’s ripple current and the ripple voltage is a function
of the ripple current. The ripple voltage and current are
approximated by the following equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values reduce
the converter’s response time to a load transient.
One of the parameters limiting the converter’s response to a
load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
HIP6005A will provide either 0% or 100% duty cycle in
response to a load transient. The response time is the time
required to slew the inductor current from an initial current
value to the transient current level. During this interval the
difference between the inductor current and the transient
current level must be supplied by the output capacitor.
F
Z2
1
2
π
R
1
R
3
+
() C
3
----------------------------------------------------
=
F
P1
1
2
π R
2
C
1
C
2
C
1
C
2
+
---------------------



-----------------------------------------------------
=
F
P2
1
2
π R
3
C
3
---------------------------------
=
F
Z1
1
2
π R
2
C
1
---------------------------------
=
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
20LOG
(VIN/VOSC)
MODULATOR
GAIN
FIGURE 8. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
20LOG
(R2/R1)
CLOSED LOOP
GAIN
∆I
V
IN
V
OUT
F
S
L
--------------------------------
V
OUT
V
IN
----------------
=
∆V
OUT
∆IESR
=
HIP6005A


Similar Part No. - HIP6005ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005BCB INTERSIL-HIP6005BCB Datasheet
151Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005BCV INTERSIL-HIP6005BCV Datasheet
151Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005CB INTERSIL-HIP6005CB Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
More results

Similar Description - HIP6005ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6008 INTERSIL-HIP6008 Datasheet
209Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com