Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2726T Datasheet(PDF) 2 Page - NEC

Part No. UPC2726T
Description  1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2726T Datasheet(HTML) 2 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PPPPPC2726T
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC
6V
TA = +25 °C
Power Dissipation of Package Allowance
PD
280
mW
Mounted on 50
u 50 u 1.6 mm
epoxy glass
PWB at TA = +85 °C
Input Power
Pin
0
dBm
TA = +25 °C
Operating Temperature
Topt
ð40 to +85
°C
Storage Temperature
Tstg
ð55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Temperature
TA
ð40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = +25 °C, VCC = 5. V, ZL = ZS = 50
:
:
:
:)
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Circuit Current
ICC
8.0
11.5
15.0
mA
No input signal
Power Gain
GP
11.0
15
17.0
dB
f = 400 MHz
Noise Figure
NF
4.5
6.0
dB
f = 400 MHz
Upper Limit Operating Frequency
fU
1.0
1.6
GHz
3 dB down below flat gain at 0.4 GHz
Isolation
ISL
60
dB
f = 400 MHz
Input Return Loss
RLin
2.0
dB
f = 400 MHz
Output Return Loss
RLout
4.0
dB
f = 400 MHz
Maximum Output Level
PO(sat)
ð5
ð2
dBm
f = 400 MHz, Pin =
ð10 dBm
STANDARD CHARACTERISTICS FOR REFERENCE (TA = +25 °C, ZL = ZS = 50
:
:
:
:)
PARAMETERS
SYMBOL
REFERENCE
VALUE
UNIT
TEST CONDITIONS
Circuit Current
ICC
2.5
mA
VCC = 2 V, No input signal
Power Gain
GP
4.5
dB
VCC = 2 V, f = 400 MHz
Noise Figure
NF
5.1
dB
VCC = 2 V, f = 400 MHz
Upper Limit Operating Frequency
fu
2.4
GHz
3 dB down below flat gain at 0.4 GHz
Isolation
ISL
58
dB
VCC = 2 V, f = 400 MHz
Input Return Loss
RLin
1.0
dB
VCC = 2 V, f = 400 MHz
Output Return Loss
RLout
4.0
dB
VCC = 2 V, f = 400 MHz
Maximum Output Power
PO(sat)
ð14
dBm
VCC = 2 V, f = 400 MHz, Pin =
ð10 dBm
3rd Order Intermodulation Distortion
IM3
ð29
dBc
VCC = 2 V, PO(each) =
ð25 dBm, f1 = 400 MHz,
f2 = 402 MHz
3rd Order Intermodulation Distortion
IM3
ð45
dBc
VCC = 5 V, PO(each) =
ð25 dBm, f1 = 400 MHz,
f2 = 402 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn