Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2726T Datasheet(PDF) 5 Page - NEC

Part No. UPC2726T
Description  1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2726T Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PPPPPC2726T
10
0
–10
–30
OUTPUT POWER vs. INPUT POWER
–50
Pin – Input Power – dBm
–40
–40
–30
–20
–20
–10
f = 400 MHz
VCC = 2.0 V
VCC = 4.5 V
VCC = 5.5 V
VCC = 5.0 V
0
10
0
–10
–30
OUTPUT POWER vs. INPUT POWER
–50
Pin – Input Power – dBm
–40
–40
–30
–20
–20
–10
VCC = 5.0 V
f = 400 MHz
0
TA = +85
°C
TA = –40
°C
10
0
–10
–30
OUTPUT POWER vs. INPUT POWER
–50
Pin – Input Power – dBm
–40
–40
–30
–20
–20
–10
f = 1 GHz
VCC = 2.0 V
VCC = 4.5 V
VCC = 5.5 V
VCC = 5.0 V
0
10
0
–10
–30
OUTPUT POWER vs. INPUT POWER
–50
Pin – Input Power – dBm
–40
–40
–30
–20
–20
–10
VCC = 5.0 V
f = 1 GHz
0
f = 400 MHz
0.2
3
0
–6
–12
–20
0.1
f – Frequency – GHz
SATURATED OUTPUT POWER vs.
FREQUENCY
–4
–8
0.5
1
–2
–10
–14
VCC = 5.5 V
2
–16
–18
VCC = 5.0 V
VCC = 4.5 V
VCC = 2.0 V
PO(each) – Output Power of Each Tone – dBm
60
30
20
10
40
–40
–20
–10
3rd ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
50
–30
0
VCC = 2.0 V
f1 = 400 MHz
f2 = 402 MHz
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
TA = +25
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn