Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2726T Datasheet(PDF) 3 Page - NEC

Part No. UPC2726T
Description  1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2726T Datasheet(HTML) 3 Page - NEC

  UPC2726T Datasheet HTML 1Page - NEC UPC2726T Datasheet HTML 2Page - NEC UPC2726T Datasheet HTML 3Page - NEC UPC2726T Datasheet HTML 4Page - NEC UPC2726T Datasheet HTML 5Page - NEC UPC2726T Datasheet HTML 6Page - NEC UPC2726T Datasheet HTML 7Page - NEC UPC2726T Datasheet HTML 8Page - NEC UPC2726T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PPPPPC2726T
TEST CIRCUITS
DC Parameters
IN
OUT
IN
OUT
VCC
5.0 V
AC Parameters
IN
OUT
IN
OUT
VCC
5.0 V
CIN1 (1 000 pF)
CIN2 (1 000 pF)
1 000 pF
COUT1 (1 000 pF)
COUT2 (1 000 pF)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn