Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP4086 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP4086
Description  80V, 0.5A Three Phase Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086 Datasheet(HTML) 9 Page - Intersil Corporation

  HIP4086 Datasheet HTML 1Page - Intersil Corporation HIP4086 Datasheet HTML 2Page - Intersil Corporation HIP4086 Datasheet HTML 3Page - Intersil Corporation HIP4086 Datasheet HTML 4Page - Intersil Corporation HIP4086 Datasheet HTML 5Page - Intersil Corporation HIP4086 Datasheet HTML 6Page - Intersil Corporation HIP4086 Datasheet HTML 7Page - Intersil Corporation HIP4086 Datasheet HTML 8Page - Intersil Corporation HIP4086 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: 1-800-442-7747
(407) 727-9207
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HIP4086
FIGURE 15. DEAD TIME
FIGURE 16. UNDERVOLTAGE THRESHOLD
FIGURE 17. IxHS LEAKAGE CURRENT
Typical Performance Curves (Continued)
JUNCTION TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
2
4
6
RDEL = 100k
RDEL = 10k
JUNCTION TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
ENABLE (50K, UVLO TO GND)
TRIP (50K, UVLO TO GND)
ENABLE (UVLO OPEN)
TRIP (UVLO OPEN)
TRIP/ENABLE (0K, UVLO TO VDD)
JUNCTION TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
10
15
20
25
VxHS = 80V
HIP4086


Similar Part No. - HIP4086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4086 INTERSIL-HIP4086 Datasheet
486Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
   80V, 500mA, 3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086 INTERSIL-HIP4086 Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
   80V, 300mA Three Phase High Side Driver
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
   80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
   80V, 300mA Three Phase High Side Driver
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
   80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Monolithic Power System...
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
   80V INPUT 0.5A HIGH POWER LED DRIVER
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
   Power Transistor (80V, 0.5A)
2SD1782KT146R ROHM-2SD1782KT146R Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
   80V, 0.50A Four Phase Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com