Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3430-ZJ Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3430-ZJ
Description  N-Channel MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3430-ZJ Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3430-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK3430-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
40
V
Zero Gate Voltage Drain Current
IDSS
VDS=40V, VGS=0V
10
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
10
uA
Gate to Source Cut-off Voltage
VGS(off)
VDS=10V , ID=1mA
1.5
2.5
V
VGS=10V, ID=40A
7.3
VGS=4V, ID=40A
15
Forward Transconductance
gFS
VDS=10V, ID=40A
20
40
S
Input Capacitance
Ciss
2800
Output Capacitance
Coss
730
Reverse Transfer Capacitance
Crss
320
Total Gate Charge
Qg
50
Gate Source Charge
Qgs
10
Gate Drain Charge
Qgd
14
Turn-On DelayTime
td(on)
110
Turn-On Rise Time
tr
1800
Turn-Off DelayTime
td(off)
170
Turn-Off Fall Time
tf
350
Body Diode Reverse Recovery Time
trr
50
Body Diode Reverse Recovery Charge
Qrr
77
nC
Diode Forward Voltage
VSD
IF=80A,VGS=0V
1
V
Static Drain-Source On-Resistance
RDS(On)
ns
VDD = 20V, ID = 40A, VGS(on)=10V,
RG = 10 Ω
VGS=0V, VDS=10V, f=1MHz
VGS=10V, VDS=32V, ID=80A
pF
nC
IF= 80A, VGS=0, dI/dt= 100A/μs
N-Channel MOSFET
2SK3430-ZJ


Similar Part No. - 2SK3430-ZJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3430-ZJ RENESAS-2SK3430-ZJ Datasheet
222Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3430-ZJ

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com