Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3402-Z Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3402-Z
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3402-Z Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3402-Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK3402-Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK3402-Z Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SK3402-Z Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SK3402-Z Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
60
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
10
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
10
uA
Gate to Source Cut-off Voltage
VGS(off)
VDS=10V , ID=1mA
1.5
2.5
V
VGS=10V, ID=18A
15
VGS=4V, ID=18A
22
Forward Transconductance
gFS
VDS=10V, ID=18A
13
27
S
Input Capacitance
Ciss
3200
Output Capacitance
Coss
520
Reverse Transfer Capacitance
Crss
270
Total Gate Charge
Qg
61
Gate Source Charge
Qgs
8.2
Gate Drain Charge
Qgd
17
Turn-On DelayTime
td(on)
36
Turn-On Rise Time
tr
310
Turn-Off DelayTime
td(off)
170
Turn-Off Fall Time
tf
180
Body Diode Reverse Recovery Time
trr
48
Body Diode Reverse Recovery Charge
Qrr
89
nC
Diode Forward Voltage
VSD
IF=36A,VGS=0V
1
V
Static Drain-Source On-Resistance
RDS(On)
ns
VDD = 30 V, ID = 18 A, VGS= 10 V,
RG = 10 Ω
VGS=0V, VDS=10V, f=1MHz
VGS=10V, VDS=48V, ID=36A
pF
nC
IF= 36A, VGS=0, dI/dt= 100A/μs
Typical Characterisitics
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tch - Channel Temperature - ˚C
0
40
20
60
100
140
80
120
160
100
80
60
40
20
0
TC - Case Temperature - ˚C
0
0
80
20
40
60
100
140
120
160
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
10
20
30
40
50
70
60
N-Channel MOSFET
2SK3402-Z


Similar Part No. - 2SK3402-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402-Z NEC-2SK3402-Z Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2SK3402-Z ISC-2SK3402-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3402-Z RENESAS-2SK3402-Z Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3402-Z

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com