Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3019 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3019
Description  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3019 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3019 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK3019 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK3019 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
N-Channel MOSFET
2SK3019
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Ta=25°
C
Pulsed
VGS
=4V
0V
Fig.10 Reverse drain current vs.
source-drain voltage ( Ι)
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS (V)
0.5
0.2
0.5
1
2
5
10 20
50
5
10
20
Fig.11 Typical capacitance vs.
drain-source voltage
Ciss
Coss
Crss
Ta
=25°
C
f=1MHZ
VGS=0V
0.1
10
20
500
DRAIN CURRENT : ID (mA)
5
0.2
0.5 1
2
5
10 20 50
50
100
200
1000
2
100
Fig.12 Switching characteristics
(See Figures 13 and 14 for
the measurement circuit
and resultant waveforms)
Ta
=25°C
VDD=5V
VGS=5V
RG=10Ω
Pulsed
td(off)
tr
td(on)
tf
Ι


Similar Part No. - 2SK3019

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
2SK3019 ROHM-2SK3019 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
2SK3019 ROHM-2SK3019 Datasheet
76Kb / 4P
   2.5V Drive Nch MOS FET
logo
Jiangsu Changjiang Elec...
2SK3019 JIANGSU-2SK3019 Datasheet
1Mb / 5P
   N-channel MOSFET
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results

Similar Description - 2SK3019

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com