Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3018-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3018-HF
Description  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3018-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3018-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK3018-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK3018-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Typical Characterisitics
0
1
2
3
4
5
0
0.05
0.1
0.15
DRAIN-SOURCE VOLTAGE : VDS (V)
3V
3.5V
2.5V
VGS=1.5V
4V
2V
Ta=25°C
Pulsed
Fig.1 Typical output characteristics
4
0
0.1m
100m
GATE-SOURCE VOLTAGE : VGS (V)
1
10m
3
2
1m
0.2m
0.5m
2m
5m
50m
20m
200m
Ta=125°
C
75°
C
25°
C
−25°
C
VDS
=3V
Pulsed
Fig.2 Typical transfer characteristics
−50
0
0
1
1.5
2
CHANNEL TEMPERATURE : Tch (°
C)
0.5
−25
25
50
75 100 125 150
Fig.3 Gate threshold voltage vs.
channel temperature
VDS
=3V
ID=0.1mA
Pulsed
0.001
1
2
50
DRAIN CURRENT : ID (A)
0.5
0.002
0.005 0.01 0.02
0.05 0.1
0.2
0.5
5
10
20
Ta=125°
C
75°
C
25°
C
−25°
C
VGS
=4V
Pulsed
Fig.4 Static drain-source on-state
resistance vs. drain current ( Ι )
0.001
1
2
50
DRAIN CURRENT : ID (A)
0.5
0.002
0.005 0.01 0.02
0.05 0.1
0.2
0.5
5
10
20
Ta=125°C
75°C
25°C
−25°C
VGS
=2.5V
Pulsed
Fig.5 Static drain-source on-state
resistance vs. drain current (ΙΙ)
0
5
10
15
20
0
5
10
15
GATE-SOURCE VOLTAGE : VGS (V)
ID=0.1A
Ta=25°C
Pulsed
ID=0.05A
Fig.6 Static drain-source
on-state resistance vs.
gate-source voltage
−50
0
25
150
0
3
6
9
CHANNEL TEMPERATURE : Tch (°C)
−25
50
75 100 125
2
1
4
5
7
8
Fig.7 Static drain-source on-state
resistance vs. channel
temperature
VGS=4V
Pulsed
ID=100mA
ID=50mA
0.0001
0.001
0.01
0.02
0.5
DRAIN CURRENT : ID (A)
0.005
0.0002 0.0005 0.001 0.002 0.005 0.01 0.02
0.05
0.05
0.1
0.2
0.1 0.2
0.5
0.002
Ta=−25°
C
25°
C
75°
C
125°
C
VDS
=3V
Pulsed
Fig.8 Forward transfer
admittance vs. drain current
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
VGS
=0V
Pulsed
Ta=125°
C
75°
C
25°
C
−25°
C
Fig.9 Reverse drain current vs.
source-drain voltage ( Ι )
N-Channel MOSFET
2SK3018-HF


Similar Part No. - 2SK3018-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3018-HF-3 KEXIN-2SK3018-HF-3 Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK3018-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com