Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP4080 Datasheet(PDF) 17 Page - Intersil Corporation

Part No. HIP4080
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button HIP4080 Datasheet HTML 11Page - Intersil Corporation HIP4080 Datasheet HTML 12Page - Intersil Corporation HIP4080 Datasheet HTML 13Page - Intersil Corporation HIP4080 Datasheet HTML 14Page - Intersil Corporation HIP4080 Datasheet HTML 15Page - Intersil Corporation HIP4080 Datasheet HTML 16Page - Intersil Corporation HIP4080 Datasheet HTML 17Page - Intersil Corporation HIP4080 Datasheet HTML 18Page - Intersil Corporation HIP4080 Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Timing Diagrams
NOTE:
7. ALI and/or BLI may be high after t1, whereupon the ENABLE pin
may also be brought high.
FIGURE 38.
NOTE:
8. Between t1 and t2 the IN+ and IN- inputs must cause the OUT pin
to go through one complete cycle (transition order is not impor-
tant). If the ENABLE pin is low after the undervoltage circuit is
satisfied, the ENABLE pin will initiate the 10ms time delay during
which the IN+ and IN- pins must cycle at least once.
FIGURE 39.
VDD
DIS
ALI, BLI
8.5V TO 10.5V (ASSUMES 5% RESISTORS)
1.7V
12V, FINAL VALUE
VDD
DIS
LDEL
=10ms
t1
t2
8.3V TO 9.1V (ASSUMING 5% ZENER TOLERANCE)
12V, FINAL VALUE
5.1V
HIP4080


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn