Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP4080 Datasheet(PDF) 14 Page - Intersil Corporation

Part No. HIP4080
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HIP4080 Datasheet HTML 10Page - Intersil Corporation HIP4080 Datasheet HTML 11Page - Intersil Corporation HIP4080 Datasheet HTML 12Page - Intersil Corporation HIP4080 Datasheet HTML 13Page - Intersil Corporation HIP4080 Datasheet HTML 14Page - Intersil Corporation HIP4080 Datasheet HTML 15Page - Intersil Corporation HIP4080 Datasheet HTML 16Page - Intersil Corporation HIP4080 Datasheet HTML 17Page - Intersil Corporation HIP4080 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
1
2
3
1
3
1
3
6
5
1
2
3
2
1
12
13
1
3
10
11
1
2
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
L1
R21
Q1
Q3
Q4
R22
L2
R23
C1
C3
JMPR1
R24
R30
R31
C2
R34
C4
CR2
CR1
Q2
JMPR3
JMPR2
JMPR4
R33
C5
C6
CX
CY
C8
U1
CW
CW
+
B+
IN2
IN1
BO
OUT/BLI
IN-/AHI
COM
IN+/ALI
+12V
+12V
BLS
AO
HEN/BHI
ALS
CD4069UB
CD4069UB
CD4069UB
CD4069UB
HIP4080/81
SECTION
CONTROL LOGIC
POWER SECTION
DRIVER SECTION
AHO
AHB
AHS
LDEL
ALO
HDEL
ALS
IN-/AHI
VCC
IN+/ALI
VDD
OUT/BLI
BLS
VSS
BLO
DIS
BHS
HEN/BHI
BHO
BHB
R29
U2
U2
U2
U2
4
3
VDD
CD4069UB
U2
8
9
CD4069UB
U2
VDD
ENABLE
O
100K
0.1MFD
I
TO DIS
2N3906
56K
8.2V
56K
O
2
2
2
NOTES:
4. Circuit inside dashed area must be hardwired and
is not included on the evaluation board.
5. Device CD4069UB PIN 7 = COM, Pin 14 = +12V.
6. Components L1, L2, C1, C2, CX, CY, R30, R31,
are not supplied. refer to Application Note for de-
scription of input logic operation to determine
jumper locations for JMPR1 - JMPR4.
FIGURE 34. HIP4080 EVALUATION PC BOARD SCHEMATIC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn