Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP4080 Datasheet(PDF) 11 Page - Intersil Corporation

Part No. HIP4080
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP4080 Datasheet HTML 7Page - Intersil Corporation HIP4080 Datasheet HTML 8Page - Intersil Corporation HIP4080 Datasheet HTML 9Page - Intersil Corporation HIP4080 Datasheet HTML 10Page - Intersil Corporation HIP4080 Datasheet HTML 11Page - Intersil Corporation HIP4080 Datasheet HTML 12Page - Intersil Corporation HIP4080 Datasheet HTML 13Page - Intersil Corporation HIP4080 Datasheet HTML 14Page - Intersil Corporation HIP4080 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FIGURE 22. GATE DRIVE FALL TIME TF vs TEMPERATURE
FIGURE 23. GATE DRIVE RISE TIME TR vs TEMPERATURE
FIGURE 24. VLDEL, VHDEL VOLTAGE vs TEMPERATURE
FIGURE 25. HIGH LEVEL OUTPUT VOLTAGE, VCC - VOH vs
BIAS SUPPLY AND TEMPERATURE AT 100mA
FIGURE 26. LOW LEVEL OUTPUT VOLTAGE VOL vs BIAS
SUPPLY AND TEMPERATURE AT 100mA
FIGURE 27. PEAK PULLDOWN CURRENT IO vs BIAS SUPPLY
VOLTAGE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL = RLDEL= 100K, and TA = 25
oC, Unless Otherwise Specified (Continued)
-40
-20
0
20
40
60
80
100
120
8.5
9.5
10.5
11.5
12.5
13.5
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
8.5
9.5
10.5
11.5
12.5
13.5
JUNCTION TEMPERATURE (C)
-40
-20
0
20
40
60
80
100
120
4.0
4.5
5.0
5.5
6.0
JUNCTION TEMPERATURE (oC)
6
8
10
12
14
0
250
500
750
1000
1250
1500
BIAS SUPPLY VOLTAGE (V)
75oC
25oC
125oC
-40oC
0oC
6
8
10
12
14
0
250
500
750
1000
1250
1500
BIAS SUPPLY VOLTAGE (V)
75oC
25oC
125oC
-40oC
0oC
6
7
8
9
10
11
12
13
14
15
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD, VCC, VAHB, VBHB (V)
HIP4080


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn