Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP4080 Datasheet(PDF) 8 Page - Intersil Corporation

Part No. HIP4080
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP4080 Datasheet HTML 4Page - Intersil Corporation HIP4080 Datasheet HTML 5Page - Intersil Corporation HIP4080 Datasheet HTML 6Page - Intersil Corporation HIP4080 Datasheet HTML 7Page - Intersil Corporation HIP4080 Datasheet HTML 8Page - Intersil Corporation HIP4080 Datasheet HTML 9Page - Intersil Corporation HIP4080 Datasheet HTML 10Page - Intersil Corporation HIP4080 Datasheet HTML 11Page - Intersil Corporation HIP4080 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL = RLDEL= 100K, and TA = 25
oC, Unless Otherwise Specified
FIGURE 4. QUIESCENT IDD SUPPLY CURRENT vs VDD
SUPPLY VOLTAGE
FIGURE 5. IDDO, NO-LOAD IDD SUPPLY CURRENT vs
FREQUENCY (kHz)
FIGURE 6. SIDE A, B FLOATING SUPPLY BIAS CURRENT vs
FREQUENCY (LOAD = 1000pF)
FIGURE 7. ICCO, NO-LOAD ICC SUPPLY CURRENT vs
FREQUENCY (kHz) TEMPERATURE
FIGURE 8. IAHB, IBHB, NO-LOAD FLOATING SUPPLY BIAS
CURRENT vs FREQUENCY
FIGURE 9. COMPARATOR INPUT CURRENT IL vs
TEMPERATURE AT VCM = 5V
8
10
12
14
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDD SUPPLY VOLTAGE (V)
13
12.5
12.0
11.5
11.0
10.5
10
200
400
600
800
1000
SWITCHING FREQUENCY (kHz)
0
100
200
300
400
500
600
700
800
900 1000
0.0
5.0
10.0
15.0
20.0
25.0
30.0
SWITCHING FREQUENCY (kHz)
0
100
200
300
400
500
600
700
800
900 1000
0.0
1.0
2.0
3.0
4.0
5.0
SWITCHING FREQUENCY (kHz)
75oC
25oC
125oC
-40oC
0oC
0
200
400
600
800
1000
-0.2
0.2
0.6
1.0
1.4
1.8
FREQUENCY (kHz)
-40
-20
0
20
40
60
80
100
120
0.5
1.0
JUNCTION TEMPERATURE (oC)
HIP4080


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn