Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB050P10E3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTB050P10E3
Description  P-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050P10E3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTB050P10E3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB050P10E3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB050P10E3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB050P10E3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB050P10E3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB050P10E3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB050P10E3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB050P10E3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C975E3
Issued Date : 2014.07.10
Revised Date :
Page No. : 4/8
MTB050P10E3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
10
20
30
40
50
60
70
80
90
100
02468
10
-VDS, Drain-Source Voltage(V)
-10V
-9V
-8V
-7V
-6V
-5V
VGS=-3V
VGS=-2.5V
VGS=-4V
VGS=-2V
Brekdown Voltage vs Junction Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.1
1
10
100
-ID, Drain Current(A)
VGS=-3V
VGS=-4.5V
VGS=-10V
VGS=-2V
VGS=-2.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
20
-IDR, Reverse Drain Current(A)
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
20
40
60
80
100
120
140
160
180
200
02
4
6
8
10
-VGS, Gate-Source Voltage(V)
ID=-20A
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25 50 75 100 125 150 175 200
Tj, Junction Temperature(°C)
VGS=-10V, ID=-20A
RDS(ON)@Tj=25°C : 46mΩ typ.


Similar Part No. - MTB050P10E3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB050P10F3 CYSTEKEC-MTB050P10F3 Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3-0-T7-S CYSTEKEC-MTB050P10F3-0-T7-S Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP CYSTEKEC-MTB050P10FP Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP-0-UB-S CYSTEKEC-MTB050P10FP-0-UB-S Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10H8 CYSTEKEC-MTB050P10H8 Datasheet
610Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB050P10E3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com