Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR212E104MARAP1 Datasheet(PDF) 3 Page - AVX Corporation

Part # SR212E104MARAP1
Description  Radial Leads/SkyCap/SR Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR212E104MARAP1 Datasheet(HTML) 3 Page - AVX Corporation

  SR212E104MARAP1 Datasheet HTML 1Page - AVX Corporation SR212E104MARAP1 Datasheet HTML 2Page - AVX Corporation SR212E104MARAP1 Datasheet HTML 3Page - AVX Corporation SR212E104MARAP1 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
17
Radial Leads/SkyCap
®/SR Series
X7R Dielectric
AVX Style
SR15
SR20
SR21
SR22
SR27
SR30
SR40
SR50
AVX “Insertable”
SR07
SR29
SR59
N/A
N/A
SR65
SR75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
200 100 50
200 100
50
200 100
50 100
50
100
50 200 100
50
200 100
50
200
100
50
470
SR-----C471KAA
1000
SR155C102KAA
1500
SR-----C152KAA
2200
SR-----C222KAA
3300
SR-----C332KAA
4700
SR-----C472KAA
6800
SR-----C682KAA
10,000
SR215C103KAA
15,000
SR-----C153KAA
22,000
SR-----C223KAA
33,000
SR-----C333KAA
47,000
SR-----C473KAA
68,000
SR-----C683KAA
100,000
SR215C104KAA
150,000
SR-----C154KAA
220,000
SR215C224KAA
330,000
SR-----C334KAA
390,000
SR-----C394KAA
470,000
SR305C474KAA
1.0 uF
SR305C105KAA
2.2 uF
SR405C225KAA
2.7 uF
SR505C275KAA
4.7 uF
SR505C475KAA
10.0 uF
SR655C106KAA
= Industry preferred values
= Extended range
= Extended range with 0.150" thickness maximum
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.


Similar Part No. - SR212E104MARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR212E104MARAP1 AVX-SR212E104MARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
More results

Similar Description - SR212E104MARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com