Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7021 Datasheet(PDF) 47 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADF7021_15 Datasheet HTML 43Page - Analog Devices ADF7021_15 Datasheet HTML 44Page - Analog Devices ADF7021_15 Datasheet HTML 45Page - Analog Devices ADF7021_15 Datasheet HTML 46Page - Analog Devices ADF7021_15 Datasheet HTML 47Page - Analog Devices ADF7021_15 Datasheet HTML 48Page - Analog Devices ADF7021_15 Datasheet HTML 49Page - Analog Devices ADF7021_15 Datasheet HTML 50Page - Analog Devices ADF7021_15 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Data Sheet
ADF7021
Rev. C | Page 47 of 62
REGISTER 0—N REGISTER
Figure 62. Register 0—N Register Map
The RF output frequency is calculated by the following:
For the direct output
15
2
_
_
N
Fractional
N
Integer
PFD
RF
OUT
For the RF_DIVIDE_BY_2 (DB18) selected
15
2
_
_
5
.
0
N
Fractional
N
Integer
PFD
RF
OUT
In UART/SPI mode, the TxRxCLK pin is used to input the Tx
data. The Rx Data is available on the TxRxDATA pin.
In the MUXOUT map in Figure 62, the
FILTER_CAL_COMPLETE indicates when a coarse or coarse
plus fine IF filter calibration has finished. The
DIGITAL_LOCK_DETECT indicates when the PLL has locked.
The RSSI_READY indicates that the RSSI signal has settled and
an RSSI readback can be performed. Tx_Rx gives the status of
DB27 in this register, which can be used to control an external
Tx/Rx switch.
TR1
TRANSMIT/
RECEIVE
0
TRANSMIT
RECEIVE
1
M3
M2
M1
MUXOUT
0
REGULATOR_READY (DEFAULT)
FILTER_CAL_COMPLETE
0
0
DIGITAL_LOCK_DETECT
0
RSSI_READY
1
Tx_Rx
1
LOGIC_ZERO
1
TRISTATE
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
LOGIC_ONE
U1
UART MODE
0DISABLED
1
ENABLED
N8
N7
N6
N5
N4
N3
N2
N1
N COUNTER
DIVIDE RATIO
023
024
.
.
.
1253
1254
1
0
0
.
.
.
1
1
1
0
0
.
.
.
.
.
.
1
1
1
1
1
1
1
1
.
.
.
0
1
1
1
1
.
.
.
1
0
1
1
1
.
.
.
1
0
0
1
1
.
.
.
.
.
.
1
0
1
0
1255
15-BIT FRACTIONAL_N
8-BIT INTEGER_N
MUXOUT
ADDRESS
BITS
FRACTIONAL
DIVIDE RATIO
0
1
2
.
.
.
32764
32765
32766
32767
M15
0
0
0
.
.
.
1
1
1
1
M14
0
0
0
.
.
.
1
1
1
1
M13
0
0
0
.
.
.
1
1
1
1
...
...
...
...
...
...
...
...
...
...
...
M3
0
0
0
.
.
.
1
1
1
1
M2
0
0
1
.
.
.
0
0
1
1
M1
0
1
0
.
.
.
0
1
0
1


Similar Part No. - ADF7021_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL1 AD-ADF7021-NBCPZ-RL1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL71 AD-ADF7021-NBCPZ-RL71 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ1 AD-ADF7021-NBCPZ1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NDF AD-ADF7021-NDF Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
More results

Similar Description - ADF7021_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com