Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7010 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF7010_15 Datasheet HTML 2Page - Analog Devices ADF7010_15 Datasheet HTML 3Page - Analog Devices ADF7010_15 Datasheet HTML 4Page - Analog Devices ADF7010_15 Datasheet HTML 5Page - Analog Devices ADF7010_15 Datasheet HTML 6Page - Analog Devices ADF7010_15 Datasheet HTML 7Page - Analog Devices ADF7010_15 Datasheet HTML 8Page - Analog Devices ADF7010_15 Datasheet HTML 9Page - Analog Devices ADF7010_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
–6–
ADF7010
PIN FUNCTION DESCRIPTIONS (continued)
Pin No.
Mnemonic
Function
15
OSC1
Oscillator Pin. For use with crystal reference only. This is three-stated when an external reference oscillator
is used.
16
VCOGND
Voltage Controlled Oscillator Ground
17
TEST
Input to the RF fractional-N divider. This pin allows the user to connect an external VCO to the part.
Disabling the internal VCO activates this pin. If the internal VCO is used, this pin should be grounded.
18
DVDD
Positive Supply for the Digital Circuitry. This must be between 2.3 V and 3.6 V. Decoupling capacitors
to the analog ground plane should be placed as close as possible to this pin.
19
RFGND
Ground for Output Stage of Transmitter
20
RFOUT
The modulated signal is available at this pin. Output power levels are from –16 dBm to +12 dBm. The
output should be impedance matched to the desired load using suitable components. See the Output RF
Stage section.
21
AGND
Ground Pin for the RF Analog Circuitry
22
VCOIN
The tuning voltage on this pin determines the output frequency of the Voltage Controlled Oscillator
(VCO). The higher the tuning voltage the higher the output frequency.
23
CVCO
A 0.22
mF capacitor should be added to reduce noise on VCO bias lines. Tied to CREG pin.
24
CREG
A 2.2
mF capacitor should be added at CREG to reduce regulator noise and improve stability. A reduced
capacitor will improve regulator power-on time but may cause higher spurious components.


Similar Part No. - ADF7010_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010BRU AD-ADF7010BRU Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRU AD-ADF7010BRU Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
More results

Similar Description - ADF7010_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com