Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2715T Datasheet(PDF) 6 Page - NEC

Part No. UPC2715T
Description  1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2715T Datasheet(HTML) 6 Page - NEC

Back Button UPC2715T Datasheet HTML 2Page - NEC UPC2715T Datasheet HTML 3Page - NEC UPC2715T Datasheet HTML 4Page - NEC UPC2715T Datasheet HTML 5Page - NEC UPC2715T Datasheet HTML 6Page - NEC UPC2715T Datasheet HTML 7Page - NEC UPC2715T Datasheet HTML 8Page - NEC UPC2715T Datasheet HTML 9Page - NEC UPC2715T Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PPPPPC2715T
S PARAMETER
S11-FREQUENCY
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
0.2
0.1
0.3
0.4
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
(
R
––––
ZO )
1.0
0.2
0.4
0.8
0.6
20
REACTANCE COMPONENT
EN
T
0.1 G
0.5 G
1.0 G
S22-FREQUENCY
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
0.2
0.1
0.3
0.4
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
(
R
––––
ZO )
1.0
0.2
0.4
0.8
0.6
20
REACTANCE COMPONENT
EN
T
0.1 G
0.5 G
1.0 G


Similar Part No. - UPC2715T

ManufacturerPart No.DatasheetDescription
NEC
NEC
UPC2715T NEC-UPC2715T Datasheet
81Kb / 6P
   LOW POWER CONSUMPTION SILICON MMIC AMPLIFIER
More results

Similar Description - UPC2715T

ManufacturerPart No.DatasheetDescription
NEC
NEC
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
   1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
   1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
   2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
   2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
   SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
   1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
NTE Electronics
NTE Electronics
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
   Integrated Circuit Wide-Band Power Amplifier
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
   Integrated Circuit Wide Band Amplifier
KEC(Korea Electronics)
KEC(Korea Electronics)
KIA6419P KEC-KIA6419P Datasheet
1Mb / 11P
   SILICON MONOLITHIC INTEGRATED CIRCUIT (LOW POWER AUDIO AMPLIFIER)
Toshiba Semiconductor
Toshiba Semiconductor
TA8496FL TOSHIBA-TA8496FL Datasheet
248Kb / 14P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz