Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2715T Datasheet(PDF) 5 Page - NEC

Part No. UPC2715T
Description  1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2715T Datasheet(HTML) 5 Page - NEC

  UPC2715T Datasheet HTML 1Page - NEC UPC2715T Datasheet HTML 2Page - NEC UPC2715T Datasheet HTML 3Page - NEC UPC2715T Datasheet HTML 4Page - NEC UPC2715T Datasheet HTML 5Page - NEC UPC2715T Datasheet HTML 6Page - NEC UPC2715T Datasheet HTML 7Page - NEC UPC2715T Datasheet HTML 8Page - NEC UPC2715T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PPPPPC2715T
15
5
–10
–25
OUTPUT POWER vs. INPUT POWER
–50
Pin – Input Power – dBm
Pin – Input Power – dBm
VCC = 3.4 V
f = 0.5 GHz
0.2
2
f – Frequency – GHz
5
–15
0.1
–30
–40
–30
–20
OUTPUT POWER vs. INPUT POWER
SATURATED OUTPUT POWER vs.
FREQUENCY
PO(each) – Output Power of Each Tone – dBm
–60
–30
–20
–10
0
–40
–40
–20
–10
THIRD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
–15
–10
f = 0.5 GHz
0
–5
0.5
1
f1 = 0.500 GHz
f2 = 0.502 GHz
–10
3.74 V
3.6 V
Pin = –10 dBm
10
0
–20
–5
–45
–35
–25
–15
–5
0
3.06 V
3.74 V
VCC = 3.4 V
15
5
–10
–25
–50
–30
–40
–30
–20
–15
–10
10
0
–20
–5
–45
–35
–25
–15
–5
0
TA = 85
°C
TA = –40
°C
TA = 85
°C
TA = 25
°C
TA = –40
°C
VCC = 3.4 V
VCC = 3.74 V
3.06 V
3.4 V
–50
–35
–30
–25
–15
–5


Similar Part No. - UPC2715T

ManufacturerPart No.DatasheetDescription
NEC
NEC
UPC2715T NEC-UPC2715T Datasheet
81Kb / 6P
   LOW POWER CONSUMPTION SILICON MMIC AMPLIFIER
More results

Similar Description - UPC2715T

ManufacturerPart No.DatasheetDescription
NEC
NEC
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
   1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
   1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
   2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
   2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
   SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
   1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
NTE Electronics
NTE Electronics
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
   Integrated Circuit Wide-Band Power Amplifier
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
   Integrated Circuit Wide Band Amplifier
KEC(Korea Electronics)
KEC(Korea Electronics)
KIA6419P KEC-KIA6419P Datasheet
1Mb / 11P
   SILICON MONOLITHIC INTEGRATED CIRCUIT (LOW POWER AUDIO AMPLIFIER)
Toshiba Semiconductor
Toshiba Semiconductor
TA8496FL TOSHIBA-TA8496FL Datasheet
248Kb / 14P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz