Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2715T Datasheet(PDF) 3 Page - NEC

Part No. UPC2715T
Description  1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2715T Datasheet(HTML) 3 Page - NEC

  UPC2715T Datasheet HTML 1Page - NEC UPC2715T Datasheet HTML 2Page - NEC UPC2715T Datasheet HTML 3Page - NEC UPC2715T Datasheet HTML 4Page - NEC UPC2715T Datasheet HTML 5Page - NEC UPC2715T Datasheet HTML 6Page - NEC UPC2715T Datasheet HTML 7Page - NEC UPC2715T Datasheet HTML 8Page - NEC UPC2715T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PPPPPC2715T
TEST CIRCUIT
50
IN
C1
1
6
4
2, 3, 5
C3
1 000 pF
VCC
C2
1 000 pF
50
OUT
1 000 pF
EXAMPLE OF APPLICATION CIRCUIT
50
IN
C1
1
6
4
2, 3, 5
C3
1 000 pF
VCC
C4
1 000 pF
C5
1
6
4
2, 3, 5
C6
1 000 pF
C2
1 000 pF
50
OUT
1 000 pF
1 000 pF
R1
50 to 200
To stabilize operation,
please connect R1, C5
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
Capacitors for VCC, input and output pins
1 000 pF capacitors are recommendable as bypass capacitor for VCC pin and coupling capacitors for input/output
pins.
Bypass capacitor for VCC pin is intended to minimize VCC pin’s ground impedance. Therefore, stable bias can be
supplied against VCC fluctuation.
Coupling capacitors for input/output pins are intended to minimize RF serial impedance and cut DC.
To get flat gain from 100 MHz up, 1 000 pF capacitors are assembled on the test circuit. [Actually, 1 000 pF
capacitors give flat gain at least 10 MHz. In the case of under 10 MHz operation, increase the value of coupling
capacitor such as 2 200 pF. Because the coupling capacitors are determined by the equation of C = 1/(2
S fZs).]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn